Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STE2002
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 15Page - STMicroelectronics STE2002 Datasheet HTML 16Page - STMicroelectronics STE2002 Datasheet HTML 17Page - STMicroelectronics STE2002 Datasheet HTML 18Page - STMicroelectronics STE2002 Datasheet HTML 19Page - STMicroelectronics STE2002 Datasheet HTML 20Page - STMicroelectronics STE2002 Datasheet HTML 21Page - STMicroelectronics STE2002 Datasheet HTML 22Page - STMicroelectronics STE2002 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
19/51
STE2002
Dual Partial Display
If the PE Bit is set to a logic one the dual partial display mode is enabled.
Eight partial display modes are available. The offset of the two partial display zones is row by row programma-
ble. The Icon row is accessed last in each partial display frame.
Two sets of register for the HV-generator parameters are provided (PRS[1:0], Vop[6:0], BS[2:0], CP[2:0].).
This allows switching from normal mode to partial display mode applying one instruction. The HV generator is
automatically re configured using the parameters related to the enabled mode. The parameters of the two sets
of registers with the same function are located in the same position of the instruction set. The registers related
to the normal mode are accessible when normal mode (PE=0) is selected, the others are accessible when the
partial display mode is enabled (PE=1). To Setup PRS[1:0], Vop[6:0], BS[2:0], CP[2:0] values the instruction
flow proposed in Fig.46 must be followed. To setup Partial Display Sectors Start Address and Partial Dis-
play Mode no particular instruction flow has to be followed.
.
MUX RATE
ICON MODE
OFFSET
RANGE
DESCRIPTION
ICON Row Driver with
MY=0
MUX 33
1
0-31
ICON ROW NOT SCROOLED
R56
MUX 33
0
0-32
33 LINE GRAPHIC MATRIX
R56
MUX 49
1
0-47
ICON ROW NOT SCROOLED
R64
MUX 49
0
0-48
49 LINE GRAPHIC MATRIX
R64
MUX 65
1
0-63
ICON ROW NOT SCROOLED
R72
MUX 65
0
0-64
65 LINE GRAPHIC MATRIX
R72
MUX 81
1
0-79
ICON ROW NOT SCROOLED
R80
MUX 81
0
0-80
81 LINE GRAPHIC MATRIX
R80
PD2
PD1
PD0
SECTION 1
SECTION2
RESET STATE
0
0
0
0
8 + Icon Row
0
0
1
8
0 + Icon Row
0
1
0
8
8 + Icon Row
0
1
1
0
16 + Icon Row
000
1
0
0
16
0 + Icon Row
1
0
1
8
16 + Icon Row
1
1
0
16
8 + Icon Row
1
1
1
16
16 + Icon Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com