| Electronic Components Datasheet Search |
|
STE2002DIE2 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002DIE2 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 51 page ![]() 19/51 STE2002 Dual Partial Display If the PE Bit is set to a logic one the dual partial display mode is enabled. Eight partial display modes are available. The offset of the two partial display zones is row by row programma- ble. The Icon row is accessed last in each partial display frame. Two sets of register for the HV-generator parameters are provided (PRS[1:0], Vop[6:0], BS[2:0], CP[2:0].). This allows switching from normal mode to partial display mode applying one instruction. The HV generator is automatically re configured using the parameters related to the enabled mode. The parameters of the two sets of registers with the same function are located in the same position of the instruction set. The registers related to the normal mode are accessible when normal mode (PE=0) is selected, the others are accessible when the partial display mode is enabled (PE=1). To Setup PRS[1:0], Vop[6:0], BS[2:0], CP[2:0] values the instruction flow proposed in Fig.46 must be followed. To setup Partial Display Sectors Start Address and Partial Dis- play Mode no particular instruction flow has to be followed. . MUX RATE ICON MODE OFFSET RANGE DESCRIPTION ICON Row Driver with MY=0 MUX 33 1 0-31 ICON ROW NOT SCROOLED R56 MUX 33 0 0-32 33 LINE GRAPHIC MATRIX R56 MUX 49 1 0-47 ICON ROW NOT SCROOLED R64 MUX 49 0 0-48 49 LINE GRAPHIC MATRIX R64 MUX 65 1 0-63 ICON ROW NOT SCROOLED R72 MUX 65 0 0-64 65 LINE GRAPHIC MATRIX R72 MUX 81 1 0-79 ICON ROW NOT SCROOLED R80 MUX 81 0 0-80 81 LINE GRAPHIC MATRIX R80 PD2 PD1 PD0 SECTION 1 SECTION2 RESET STATE 0 0 0 0 8 + Icon Row 0 0 1 8 0 + Icon Row 0 1 0 8 8 + Icon Row 0 1 1 0 16 + Icon Row 000 1 0 0 16 0 + Icon Row 1 0 1 8 16 + Icon Row 1 1 0 16 8 + Icon Row 1 1 1 16 16 + Icon Row |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |