Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C320-END Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS87C320-END
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C320-END Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS87C320-END Datasheet HTML 1Page - Dallas Semiconductor DS87C320-END Datasheet HTML 2Page - Dallas Semiconductor DS87C320-END Datasheet HTML 3Page - Dallas Semiconductor DS87C320-END Datasheet HTML 4Page - Dallas Semiconductor DS87C320-END Datasheet HTML 5Page - Dallas Semiconductor DS87C320-END Datasheet HTML 6Page - Dallas Semiconductor DS87C320-END Datasheet HTML 7Page - Dallas Semiconductor DS87C320-END Datasheet HTML 8Page - Dallas Semiconductor DS87C320-END Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 175 page
background image
High-Speed Microcontroller User’s Guide
2 of 175
SECTION 2: ORDERING INFORMATION
The High-Speed Microcontroller family follows the part numbering convention shown below. Note that
all combinations of devices are not currently available. Please refer to individual data sheets for the
available versions.
DS80C320-MCG
SPEED:
D
18 MHz
G
25 MHz
L
33 MHz
R
40 MHz
TEMPERATURE:
C
0
°C to 70°C
N
-40
°C to +85°C
PACKAGE:
M
PLASTIC
Q
PLCC
E
THIN PLASTIC QUAD FLAT PACK (TQFP)
F
PLASTIC QUAD FLAT PACK (QFP)
W
WINDOWED CERDIP
K
WINDOWED CERQUAD
OPERATING VOLTAGE:
0
+5V
3
+3V OR WIDE VOLTAGE
MEMORY TYPE:
0
ROMless
3
ROM
7
EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com