Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUG30C Datasheet(PDF) 1 Page - SunLED Corporation

Part # AUG30C
Description  30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AUG30C Datasheet(HTML) 1 Page - SunLED Corporation

  AUG30C Datasheet HTML 1Page - SunLED Corporation AUG30C Datasheet HTML 2Page - SunLED Corporation AUG30C Datasheet HTML 3Page - SunLED Corporation AUG30C Datasheet HTML 4Page - SunLED Corporation AUG30C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 17,2008
Drawing No : SDSA2355
V3
Checked : Shin Chi
P.1/5
Part Number:
AUG30C
30.48mm (1.2") 16 SEGMENT SINGLE DIGIT
ALPHANUMERIC NUMERIC DISPLAY
www.SunLED.com
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
c,d,g,h,k,m,n,
s,r,t
VR
10
V
a,b,e,f,p,u
and DP
5
DC Forward Current
c,d,g,h,k,m,n,
s,r,t
IF
25
mA
a,b,e,f,p,u
and DP
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
c,d,g,h,k,m,n,
s,r,t
iFS
140
mA
a,b,e,f,p,u
and DP
Power Dissipation
c,d,g,h,k,m,n,
s,r,t
PT
125
a,b,e,f,p,u
and DP
62.5
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg -40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
mW
Features
● 1.2 INCH CHARACTER HEIGHT.
● LOW CURRENT OPERATION.
● HIGH CONTRAST AND LIGHT OUTPUT.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● CATEGORIZED FOR LUMINOUS INTENSITY.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Operating Characteristics
(TA=25°C)
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
c,d,g,h,k,m,n
,s,r,t
VF
4.0
V
a,b,e,f,p,u
and DP
2.0
Forward Voltage (Max.)
(IF=10mA)
c,d,g,h,k,m,n
,s,r,t
VF
5.0
V
a,b,e,f,p,u
and DP
2.5
Reverse Current (Max.)
(VR=10V(5V))
c,d,g,h,k,m,n
,s,r,t
IR
10
uA
a,b,e,f,p,u
and DP
Wavelength of Peak Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength of Dominant Emission
(Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width At Half-
Maximum (Typ.)(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF


Similar Part No. - AUG30C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results

Similar Description - AUG30C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
205Kb / 5P
30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11GWA KINGBRIGHT-PSA12-11GWA Datasheet
227Kb / 5P
30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
logo
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AMR30C SUNLED-AMR30C Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUR30A SUNLED-AUR30A Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUR30C SUNLED-AUR30C Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30C SUNLED-AUY30C Datasheet
211Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com