Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS83C323-ENG Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS83C323-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C323-ENG Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS83C323-ENG Datasheet HTML 17Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 18Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 19Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 20Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 21Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 22Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 23Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 24Page - Dallas Semiconductor DS83C323-ENG Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
High-Speed Microcontroller User’s Guide
21 of 175
Power Control (PCON)
7
6
5
4
3
2
1
0
SFR 87h
SMOD_0
SMOD0
-
-
GF1
GF0
STOP
IDLE
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
SMOD_0
Bit 7
Serial Port 0 Baud Rate Doubler Enable. This bit enables/disables the
serial baud rate doubling function for Serial Port 0.
0 = Serial Port 0 baud rate will be that defined by baud rate generation
equation.
1 = Serial Port 0 baud rate will be double that defined by baud rate generation
equation.
SMOD0
Bit 6
Framing Error Detection Enable.
This bit selects function of the
SCON0.7 and SCON1.7 bits.
0 = SCON0.7 and SCON1.7 control the SM0 function defined for the
SCON0 and SCON1 registers.
1 = SCON0.7 and SCON1.7 are converted to the Framing Error (FE) flag for the
respective Serial Port.
Bits 5-4
Reserved. Read data is indeterminate.
GF1
Bit 3
General Purpose User Flag 1. This is a general purpose flag for software
control.
GF0
Bit 2
General Purpose User Flag 0. This is a general purpose flag for software
control.
STOP
Bit 1
Stop Mode Select. Setting this bit will stop program execution, halt the CPU
oscillator, and internal timers, and place the CPU in a low-power mode. This bit
will always be read as a 0. Setting this bit while the Idle bit is set will place the
device in an undefined state.
IDLE
Bit 0
Idle Mode Select. Setting this bit will stop program execution but leave the
CPU oscillator, timers, serial ports, and interrupts active. This bit will always be
read as a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com