Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TTC-2000
Description  Ultra Wideband Audio Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TTC-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
USA
Tel: 800-472-6624
Fax: 951-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
Ultra Wideband Audio Transformers
• Highest Density Package Available
• Optimized for Audio Impedance
• Frequency Range: 300Hz - 100KHz
• HiPot: Most parts meet 1KVrms (Pri:Sec)
www.tamuracorp.com
1
Meets FCC Parts 68 (Hi-Pot 1.5KV or 1.0KV)
Schematic
Fig.
DCR
(Sec. Ω)
DCR
(Pri. Ω)
Freq.
Response
(dB)
Max. Pwr.
Level
(mW)
UnBalance
Current
(mA)
Turns Ratio
(Pri:Sec)
Impedance
(Sec. Ω)
Impedance
(Pri. Ω)
Tamura Part #
MET-01
200K CT
1K CT
14.1CT:1CT
0.0
10.0
+/-2
5300
120
1
MET-05
25K CT
1K CT
5CT:1CT
0.5
30.0
+/-2
1600
95
1
MET-09
10K CT
10K CT
1CT:1CT
1
40.0
+/-2
1000
1300
1
MET-11
10K CT
2K CT
2.23CT:1CT
1.0
40.0
+/-2
1000
300
1
MET-17
10K CT
500 CT
4.47CT:1CT
1.0
40.0
+/-2
1000
80
1
MET-23
1.6K CT
3.2
22.4CT:1
2.5
65.0
+/-3
186
0.8
3
MET-24
1.5K CT
600
1.58CT:1
3
50.0
+/-2
160
95
3
MET-28
1K
50
4.47:1
3.0
50.0
+/-2
110
8
4
MET-311
600 CT
600 CT
1CT:1CT
3
50.0
+/-2
70
95
1
MET-32
600
150/150
2:1:1
3
50.0
+/-2
70
95
2
MET-35
600 CT
8
8.66CT:1
4.5
50.0
+/-2
60
1.5
3
MET-39
500
50
3.16:1
3.0
50.0
+/-2
55
8
4
MET-42
150
12
3.54:1
10.0
50.0
+/-2
20
2.5
4
MET-461
600
600
1:1
3
50.0
+/-2
72
93
4
MET-50
10K
125
8.62:1
0.0
10.0
+/-3
1100
28
4
MET-59
600
150/150
1:1CT
3.0
50.0
+/-2
70
95
2
MET-60
135
135 CT
1:1CT
10
50.0
+/-2
10
10
5
METC-99
Optional Metal Shield
Schematics
Mechanical Dimensions mm (inches)
All dimensions are typical. Please contact Tamura for tolerances and suggested layout information.
1
2
3
4
5


Similar Part No. - TTC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
More results

Similar Description - TTC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MET-01 ETC2-MET-01 Datasheet
131Kb / 1P
Ultra Wideband Audio Transformers
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
WIDEBAND RF TRANSFORMERS
logo
Coilcraft lnc.
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
Wideband Transformers
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
Wideband RF Transformers
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
AUDIO Transformers Digital Audio Transformers
logo
Coilcraft lnc.
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
Wideband Transformers
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
Wideband Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com