Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3157 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG3157
Description  LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 2 Page - STMicroelectronics

  STG3157 Datasheet HTML 1Page - STMicroelectronics STG3157 Datasheet HTML 2Page - STMicroelectronics STG3157 Datasheet HTML 3Page - STMicroelectronics STG3157 Datasheet HTML 4Page - STMicroelectronics STG3157 Datasheet HTML 5Page - STMicroelectronics STG3157 Datasheet HTML 6Page - STMicroelectronics STG3157 Datasheet HTML 7Page - STMicroelectronics STG3157 Datasheet HTML 8Page - STMicroelectronics STG3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STG3157
2/10
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
*) High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occour. Functional operation under these condition is
not implied
RECOMMENDED OPERATING CONDITIONS
1) Truth Table guaranteed: 1.2V to 6.0V
PIN No
SYMBOL
NAME AND FUNCTION
1, 3
S1, S2
Independent Channel
4
D
Common Channel
6
IN
Control
5
VCC
Positive Supply Voltage
2
GND
Ground (0V)
IN
SWITCH S1
SWITCH S2
H
ON
OFF(*)
L
OFF(*)
ON
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VIC
DC Control Input Voltage
-0.5 to Vcc + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIKC
DC Input Diode Current on control pin (VIN<0V)
± 50
mA
IIK
DC Input Diode Current (VIN< 0V)
± 50
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
+ 128
mA
ICC or IGND DC VCC or Ground Current
± 100
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
1.65 to 5.5
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time Control Input for Vcc= 2.3V - 3.6V
0 to 10
ns/V
Input Rise and Fall Time Control Input for Vcc= 4.5V - 5.5V
0 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com