Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR76C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR76C
Description  76.2mm (3.0) SINGLE DIGIT DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR76C Datasheet(HTML) 1 Page - SunLED Corporation

  DMR76C Datasheet HTML 1Page - SunLED Corporation DMR76C Datasheet HTML 2Page - SunLED Corporation DMR76C Datasheet HTML 3Page - SunLED Corporation DMR76C Datasheet HTML 4Page - SunLED Corporation DMR76C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : MAR 18,2008
Drawing No :SDSA2182
V3
Checked : Shin Chi
P.1/5
Part Number:
DMR76C
76.2mm (3.0") SINGLE DIGIT DISPLAY
Features
● 3.0 INCH DIGIT HEIGHT.
●LOW CURRENT OPERATION.
●EXCELLENT CHARACTER APPEARANCE.
●EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
●I.C. COMPATIBLE.
●CATEGORIZED FOR LUMINOUS INTENSITY.
●MECHANICALLY RUGGED.
●STANDARD : GRAY FACE, WHITE SEGMENT.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR76C
Red
GaAlAs
44000
283990
660
Common Cathode, Rt. Hand Decimal
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
Per Segment or (Dp and Comma)
(IF=10mA)
VF
10.8
(3.6)
V
Forward Voltage (Max.)
Per Segment or (Dp and Comma)
(IF=10mA)
VF
15.0
(5.0)
V
Reverse Current
Per Segment or (Dp and Comma)
(VR=30(10)V)
IR
10
(10)
uA
Wavelength Of Peak Emission
(Typ.)
(IF=10mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Absolute maximum ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
Per Segment or (Dp and Comma)
VR
30
(10)
V
Forward Current
Per Segment or (Dp and Comma)
IF
30
(30)
mA
Forward Current (Peak)
Per Segment or (Dp and Comma)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
(155)
mA
Power Dissipation
Per Segment or (Dp and Comma)
PT
450
(150)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
PRELIMINARY SPEC


Similar Part No. - DMR76C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR76A SUNLED-DMR76A Datasheet
214Kb / 5P
76.2mm (3.0) SINGLE DIGIT DISPLAY
More results

Similar Description - DMR76C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR76A SUNLED-DUR76A Datasheet
214Kb / 5P
76.2mm (3.0") SINGLE DIGIT DISPLAY
DUR76C SUNLED-DUR76C Datasheet
214Kb / 5P
76.2mm (3.0") SINGLE DIGIT DISPLAY
DMR76A SUNLED-DMR76A Datasheet
214Kb / 5P
76.2mm (3.0) SINGLE DIGIT DISPLAY
DUG76A SUNLED-DUG76A Datasheet
213Kb / 5P
76.2mm (3.0) SINGLE DIGIT DISPLAY
DUG76C SUNLED-DUG76C Datasheet
213Kb / 5P
76.2mm (3.0) SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3014A9 CHINASEMI-CSS-3014A9 Datasheet
181Kb / 6P
3.0 Inch Single Digit Display
CSS-3014E CHINASEMI-CSS-3014E Datasheet
184Kb / 6P
3.0 Inch Single Digit Display
CSS-3014G CHINASEMI-CSS-3014G Datasheet
184Kb / 6P
3.0 Inch Single Digit Display
CSS-3014M9 CHINASEMI-CSS-3014M9 Datasheet
184Kb / 6P
3.0 Inch Single Digit Display
CSS-3014V9 CHINASEMI-CSS-3014V9 Datasheet
177Kb / 6P
3.0 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com