Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUG06A4 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG06A4
Description  6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG06A4 Datasheet(HTML) 1 Page - SunLED Corporation

  DUG06A4 Datasheet HTML 1Page - SunLED Corporation DUG06A4 Datasheet HTML 2Page - SunLED Corporation DUG06A4 Datasheet HTML 3Page - SunLED Corporation DUG06A4 Datasheet HTML 4Page - SunLED Corporation DUG06A4 Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA2287
V4
Checked : Shin Chi
P.1/5
Part Number:
DUG06A4
6.2mm (0.25”) FOUR DIGIT NUMERIC DISPLAY
www.SunLED.com
Features
0.25 INCH DIGIT HEIGHT
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
CATEGORIZED FOR LUMINOUS INTENSITY.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
VR
5
V
D2,D3,D7,L
Forward Current
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
IF
25
mA
D2,D3,D7,L
50
Forward Current
(Peak)
1/10 Duty Cycle
0.1ms Pulse Width
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
iFS
140
mA
D2,D3,D7,L
280
Power Dissipation
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
PT
62.5
mW
D2,D3 ,D7,L
125
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
°C
Operating Characteristics
(TA=25°C)
UG
(GaP)
Unit
Forward Volt-
age (Typ.)
(IF=10mA)
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
VF
V
D2,D3,D7,L
Forward Volt-
age (Max.)
(IF=10mA)
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
VF
2.5
V
D2,D3,D7,L
Reverse Cur-
rent (Max.)
(VR=5V)
Dig1'8,'Dig2'8',Dig3'8',D
ig4'8' D1,D4,D5,D6,D8
IR
10
uA
D2,D3,D7,L
20
Wavelength of Peak (Typ.)
Emission (IF=10mA)
λ P
565
nm
Wavelength of Dominant Emission
(Typ.) (IF=10mA)
λ D
568
nm
Spectral Line Full Width (Typ.)
At Half-Maximum (IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
2.0
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.


Similar Part No. - DUG06A4

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG06A4-A SUNLED-DUG06A4-A Datasheet
221Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG06A4

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR06A4-A SUNLED-DMR06A4-A Datasheet
231Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUY06A4-A SUNLED-DUY06A4-A Datasheet
218Kb / 5P
6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUG06A4-A SUNLED-DUG06A4-A Datasheet
221Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUG06C4 SUNLED-DUG06C4 Datasheet
221Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUG06C4-A SUNLED-DUG06C4-A Datasheet
221Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06A4-A SUNLED-DUR06A4-A Datasheet
231Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06C4 SUNLED-DUR06C4 Datasheet
231Kb / 5P
6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUR06C4-A SUNLED-DUR06C4-A Datasheet
231Kb / 5P
6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUY06C4 SUNLED-DUY06C4 Datasheet
219Kb / 5P
6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUY06C4-A SUNLED-DUY06C4-A Datasheet
219Kb / 5P
6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com