Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD7NB120S-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD7NB120S-1
Description  N-CHANNEL 7A - 1200V IPAK Power MESH IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB120S-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STGD7NB120S-1 Datasheet HTML 1Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 2Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 3Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 4Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 5Page - STMicroelectronics STGD7NB120S-1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STGD7NB120S-1
N-CHANNEL 7A - 1200V IPAK
Power MESH
™ IGBT
PRELIMINARY DATA
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
VERY LOW ON-VOLTAGE DROP (Vcesat)
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
DESCRIPTION
Using the latest high voltage technology based
on a patented strip layout, STMicroelectronics
has designed an advanced family of IGBTs, the
PowerMESH
™
IGBTs,
with
outstanding
perfomances. The suffix ”S” identifies a family
optimized to achieve minimum on-voltage drop
for low frequency applications (<1kHz).
APPLICATIONS
s
LIGHT DIMMER
s
INRUSH CURRENT LIMITATION
s
MOTOR CONTROL
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VCES
Collector-Emitter Volt age (VGS = 0)
1200
V
VECR
Reverse Batt ery Prot ection
20
V
VGE
G ate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at Tc =25
oC10
A
IC
Collector Current (continuous) at Tc = 100
oC7
A
ICM(
•)
Collector Current (pulsed)
20
A
Ptot
T otal Dissipation at Tc =25
oC55
W
Derating Fact or
0.4
W /
o C
Tstg
Storage T emperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperat ure
150
o C
(
•) Pulse width limited by safe operating area
TYPE
VCES
VCE(sat)
IC
STGD7NB120S-1
1200 V
< 2.1 V
7 A
April 2000
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1/6


Similar Part No. - STGD7NB120S-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
116Kb / 6P
N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Aug-2000
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Aug-2000
More results

Similar Description - STGD7NB120S-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Mar-2000
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
Jun-1999
STGD7NB60S STMICROELECTRONICS-STGD7NB60S Datasheet
289Kb / 8P
N-CHANNEL 7A - 600V DPAK Power MESH IGBT
Nov-1999
STGP7NB120SD STMICROELECTRONICS-STGP7NB120SD Datasheet
244Kb / 8P
N-CHANNEL 7A - 1200V - TO-220 PowerMESH™ IGBT
Nov-2002
logo
Intersil Corporation
HGTG20N120E2 INTERSIL-HGTG20N120E2 Datasheet
167Kb / 5P
34A, 1200V N-Channel IGBT
April 1995
HGTG30N120D2 INTERSIL-HGTG30N120D2 Datasheet
40Kb / 5P
30A, 1200V N-Channel IGBT
April 1995
logo
STMicroelectronics
STGD5NB120SZ STMICROELECTRONICS-STGD5NB120SZ Datasheet
350Kb / 13P
N-CHANNEL 5A -1200V DPAK/IPAK INTERNALLY CLAMPED PowerMESH IGBT
18-Jan-2005
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Aug-2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com