Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUG10A2 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG10A2
Description  10mm (0.4) DUAL DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG10A2 Datasheet(HTML) 1 Page - SunLED Corporation

  DUG10A2 Datasheet HTML 1Page - SunLED Corporation DUG10A2 Datasheet HTML 2Page - SunLED Corporation DUG10A2 Datasheet HTML 3Page - SunLED Corporation DUG10A2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 13,2008
Drawing No : SDSA2214
V3
Checked : Shin Chi
P.1/4
Part Number:
DUG10A2
10mm (0.4”) DUAL DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUG10A2
Green
GaP
1900
7990
565
Common Anode
Features
● 0.4 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS
& ASSEMBLY.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage (Per Chip)
VR
5
V
Forward Current (Per Chip)
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
(Per Chip)
iFS
140
mA
Power Dissipation
(Per Chip)
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
UG
(GaP)
Unit
Forward Voltage (Typ.)
(Per Chip)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(Per Chip)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(Per Chip)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - DUG10A2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG10A SUNLED-DUG10A Datasheet
188Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10A-A SUNLED-DUG10A-A Datasheet
184Kb / 4P
10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUG10A3 SUNLED-DUG10A3 Datasheet
190Kb / 4P
10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10A3-A SUNLED-DUG10A3-A Datasheet
193Kb / 4P
10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG10A2

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SRWA KINGBRIGHT-DC04-11SRWA Datasheet
152Kb / 4P
10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR10A2 SUNLED-DMR10A2 Datasheet
192Kb / 4P
10mm (0.4) DUAL DIGIT NUMERIC DISPLAY
DMR10C2 SUNLED-DMR10C2 Datasheet
192Kb / 4P
10mm (0.4) DUAL DIGIT NUMERIC DISPLAY
DUG10C2 SUNLED-DUG10C2 Datasheet
191Kb / 4P
10mm (0.4?? DUAL DIGIT NUMERIC DISPLAY
DUR10A2 SUNLED-DUR10A2 Datasheet
191Kb / 4P
10mm (0.4) DUAL DIGIT NUMERIC DISPLAY
DUR10C2 SUNLED-DUR10C2 Datasheet
192Kb / 4P
10mm (0.4) DUAL DIGIT NUMERIC DISPLAY
DUY10A2 SUNLED-DUY10A2 Datasheet
194Kb / 4P
10mm (0.4?? DUAL DIGIT NUMERIC DISPLAY
DUY10C2 SUNLED-DUY10C2 Datasheet
194Kb / 4P
10mm (0.4?? DUAL DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
DA04-11SYKWA KINGBRIGHT-DA04-11SYKWA Datasheet
354Kb / 6P
10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com