Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGE50NB60HD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGE50NB60HD
Description  N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGE50NB60HD Datasheet(HTML) 2 Page - STMicroelectronics

  STGE50NB60HD Datasheet HTML 1Page - STMicroelectronics STGE50NB60HD Datasheet HTML 2Page - STMicroelectronics STGE50NB60HD Datasheet HTML 3Page - STMicroelectronics STGE50NB60HD Datasheet HTML 4Page - STMicroelectronics STGE50NB60HD Datasheet HTML 5Page - STMicroelectronics STGE50NB60HD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-h
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-heat sink
Typ
0.416
30
0.1
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitt er
Breakdown Voltage
IC =250
µAVGE = 0
600
V
ICES
Collector cut-of f
(VGE =0)
VCE =Max Rating
Tj =25
oC
VCE =Max Rating
Tj =125
oC
100
1000
µA
µA
IGES
Gat e-Emitter Leakage
Current (VCE =0)
VGE =
± 20 V
VCE =0
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gat e Threshold
Voltage
VCE =VGE
IC = 250
µA3
5
V
VCE(SAT )
Collector-Emitt er
Sat uration Voltage
VGE =15 V
IC =50 A
VGE =15 V
IC =50 A
Tj = 125
oC
2.3
1.9
2. 8
V
V
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC =50 A
22
S
Cies
Coes
Cres
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VCE = 25V
f = 1MHz
VGE = 0
4500
450
90
pF
pF
pF
QG
QGE
QGC
Tot al G ate Charge
Gat e-Emitter Charge
Gat e-Collector Charge
VCE = 480 V
IC =50 A
VGE = 15 V
260
28
15
nC
nC
nC
ICL
Lat ching Current
Vclamp =480 V
RG=10
Ω
Tj = 150
oC
200
A
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 480 V
IC =50 A
VGE=15 V
RG =10
Ω
20
70
ns
ns
(di/dt)on
Eon(r)
Turn-on Current Slope
Turn-on
Switching Losses
VCC =480 V
I C =50 A
RG =10
Ω
VGE =15 V
Tj =125
oC
350
950
A/
µs
µJ
STGE50NB60HD
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com