Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUG38A Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG38A
Description  38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG38A Datasheet(HTML) 1 Page - SunLED Corporation

  DUG38A Datasheet HTML 1Page - SunLED Corporation DUG38A Datasheet HTML 2Page - SunLED Corporation DUG38A Datasheet HTML 3Page - SunLED Corporation DUG38A Datasheet HTML 4Page - SunLED Corporation DUG38A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 03,2008
Drawing No : SDSA2147
V3
Checked : Shin Chi
P.1/5
Part Number:
DUG38A
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Features
1.5 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
Per Segment or (Dp)
VR
10(5)
V
Forward Current
Per Segment or (Dp)
IF
25(25)
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
Per Segment or (Dp)
iFS
140(140)
mA
Power Dissipation
Per Segment or (Dp)
PT
125(62.5)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3-5 Seconds
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
Per Segment or (Dp )
VF
4.0(2.0)
V
Forward Voltage (Max.)
(IF=10mA)
Per Segment or (Dp)
VF
5.0(2.5)
V
Reverse Current(Max.)
(VR=10V(5V))
Per Segment or (Dp)
IR
10
(10)
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<
無>
日期︰2008.03.21
18:36:54 +08'00'


Similar Part No. - DUG38A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG38C SUNLED-DUG38C Datasheet
197Kb / 5P
38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG38A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA Datasheet
215Kb / 5P
38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR38C SUNLED-DUR38C Datasheet
198Kb / 5P
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
DURG38A SUNLED-DURG38A Datasheet
241Kb / 7P
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
DURG38C SUNLED-DURG38C Datasheet
241Kb / 7P
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
DMR38A SUNLED-DMR38A Datasheet
197Kb / 5P
38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
DMR38C SUNLED-DMR38C Datasheet
197Kb / 5P
38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
DUG38C SUNLED-DUG38C Datasheet
197Kb / 5P
38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
DUY38A SUNLED-DUY38A Datasheet
197Kb / 5P
38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
DUY38C SUNLED-DUY38C Datasheet
197Kb / 5P
38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com