Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUG57A Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG57A
Description  56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG57A Datasheet(HTML) 1 Page - SunLED Corporation

  DUG57A Datasheet HTML 1Page - SunLED Corporation DUG57A Datasheet HTML 2Page - SunLED Corporation DUG57A Datasheet HTML 3Page - SunLED Corporation DUG57A Datasheet HTML 4Page - SunLED Corporation DUG57A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 04, 2008
Drawing No : SDSA2166
V4
Checked : Shin Chi
P.1/5
Part Number:
DUG57A
56.9mm (2.3”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Features
2.3 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C.BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUG57A
Green
GaP
12000
52990
565
Common Anode, Rt. Hand Decimal
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
Per Segment Or ( DP)
VR
20(10)
V
Forward Current
Per Segment Or ( DP)
IF
25(25)
mA
Forward Current (peak)
Per Segment Or ( DP)
1/10Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
Per Segment Or ( DP)
PT
250(125)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~ 5 Seconds
UG
(GaP)
Unit
Forward Voltage (Typ.)
Per Segment Or ( DP)
(IF=10mA)
VF
8.0(4.0)
V
Forward Voltage (Max.)
Per Segment Or ( DP)
(IF=10mA)
VF
10.0(5.0)
V
Reverse Current
Per Segment Or (Dp)
(VR=20(10)V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<
無>
日期︰2008.03.12
08:15:37 +08'00'


Similar Part No. - DUG57A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG57A-A SUNLED-DUG57A-A Datasheet
204Kb / 5P
57mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG57A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
124Kb / 4P
56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12SRWA KINGBRIGHT-SC23-12SRWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12SRWA KINGBRIGHT-SA23-12SRWA Datasheet
139Kb / 4P
56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR57A SUNLED-DUR57A Datasheet
207Kb / 5P
56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DUR57C SUNLED-DUR57C Datasheet
207Kb / 5P
56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DMR57A SUNLED-DMR57A Datasheet
207Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DMR57C SUNLED-DMR57C Datasheet
207Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUG57C SUNLED-DUG57C Datasheet
198Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUY57A SUNLED-DUY57A Datasheet
204Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUY57C SUNLED-DUY57C Datasheet
204Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com