Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMRB100M Datasheet(PDF) 1 Page - SunLED Corporation

Part # EMRB100M
Description  19.05mmx3.81mm LED LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMRB100M Datasheet(HTML) 1 Page - SunLED Corporation

  EMRB100M Datasheet HTML 1Page - SunLED Corporation EMRB100M Datasheet HTML 2Page - SunLED Corporation EMRB100M Datasheet HTML 3Page - SunLED Corporation EMRB100M Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 20,2008
Drawing No :SDSA3875
V4
Checked : Shin Chi
P.1/4
Part Number
: EMRB100M
19.05mmx3.81mm LED LIGHT BAR
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
EMRB100M
Red
GaAlAs
White Diffused
50
198
660
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
EXCELLENT ON/OFF CONTRAST.
●RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.85
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn
.kingbright.com,
c=<無>
日期︰2008.03.21
10:07:13 +08'00'


Similar Part No. - EMRB100M

ManufacturerPart #DatasheetDescription
logo
GOOD SKY ELECTRIC CO., ...
EMR GOODSKY-EMR Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3G GOODSKY-EMR-103DB-3G Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3N GOODSKY-EMR-103DB-3N Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3O GOODSKY-EMR-103DB-3O Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3S GOODSKY-EMR-103DB-3S Datasheet
514Kb / 4P
General Purpose Relay
More results

Similar Description - EMRB100M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB-B100SRW KINGBRIGHT-KB-B100SRW Datasheet
60Kb / 3P
19.05mmx3.81mm LED LIGHT BAR
KB2350EW KINGBRIGHT-KB2350EW Datasheet
196Kb / 4P
19.05mmx3.81mm LED LIGHT BAR
KB2450YW KINGBRIGHT-KB2450YW Datasheet
196Kb / 4P
19.05mmx3.81mm LED LIGHT BAR
KB2550SGD KINGBRIGHT-KB2550SGD Datasheet
195Kb / 4P
19.05mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EUR2350M SUNLED-EUR2350M Datasheet
184Kb / 4P
19.05mmx3.81mm LED LIGHT BAR
EURMG2350M SUNLED-EURMG2350M Datasheet
212Kb / 5P
19.05mmx3.81mm LED LIGHT BAR
EMG2550D SUNLED-EMG2550D Datasheet
188Kb / 4P
19.05mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB2450SYKW KINGBRIGHT-KB2450SYKW Datasheet
342Kb / 6P
19.05mmx3.81mm LED LIGHT BAR
KB2550CGKD KINGBRIGHT-KB2550CGKD Datasheet
346Kb / 6P
19.05mmx3.81mm LED LIGHT BAR
KB-B100SURKW KINGBRIGHT-KB-B100SURKW Datasheet
345Kb / 6P
19.05mmx3.81mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com