Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC488 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC488
Description  Ultralow Power RS485 Transceiver with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488 Datasheet(HTML) 4 Page - Linear Technology

  LTC488 Datasheet HTML 1Page - Linear Technology LTC488 Datasheet HTML 2Page - Linear Technology LTC488 Datasheet HTML 3Page - Linear Technology LTC488 Datasheet HTML 4Page - Linear Technology LTC488 Datasheet HTML 5Page - Linear Technology LTC488 Datasheet HTML 6Page - Linear Technology LTC488 Datasheet HTML 7Page - Linear Technology LTC488 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1481
1481fa
Driver Output High Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
4
5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1481 G04
12
3
TA = 25°C
TEMPERATURE (
°C)
–50
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
1481 G05
–25
0
50
100
125
TEMPERATURE (
°C)
–50
14
12
10
8
6
4
2
0
25
75
1481 G05
–25
0
50
100
125
Driver Skew vs Temperature
Receiver
tPLH – tPHL vs
Temperature
LTC1481 Transmitting
INPUTS
OUTPUTS
RE
DE
DI
B
A
X
110
1
X
101
0
00
X
Z
Z
1
0
X
Z*
Z*
*Shutdown mode for LTC1481
LTC1481 Receiving
INPUTS
OUTPUTS
RE
DE
A – B
RO
00
≥0.2V
1
00
≤–0.2V
0
0
0
Inputs Open
1
10
X
Z*
*Shutdown mode for LTC1481
DI (Pin 4): Driver Input. If the driver outputs are enabled
(DE high) then a low on DI forces the outputs A low and B
high. A high on DI with the driver outputs enabled will force
A high and B low.
GND (Pin 5): Ground.
A (Pin 6): Driver Output/Receiver Input.
B (Pin 7): Driver Output/Receiver Input.
VCC (Pin 8): Positive Supply. 4.75V < VCC < 5.25V.
RO (Pin 1): Receiver Output. If the receiver output is
enabled (RE low), then if A > B by 200mV, RO will be high.
If A < B by 200mV, then RO will be low.
RE (Pin 2): Receiver Output Enable. A low enables the
receiver output, RO. A high input forces the receiver
output into a high impedance state.
DE (Pin 3): Driver Outputs Enable. A high on DE enables
the driver output. A, B and the chip will function as a line
driver. A low input will force the driver outputs into a high
impedance state and the chip will function as a line
receiver. If RE is high and DE is low, the part will enter a low
power (1
µA) shutdown state.
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S
FU CTIO TABLES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com