Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDBVREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AMDBVREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AMDBVREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA333AMDBVREP Datasheet HTML 7Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 8Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 9Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 10Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 11Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 12Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 13Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 14Page - Texas Instruments OPA333AMDBVREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
OPA333A
ADS1100
Load
V
I2C
R
1
4.99k
Ω
R
3
4.99k
Ω
R
4
48.7k
Ω
R
2
49.9k
Ω
+5V
3V
REF3130
R
7
1.18k
Ω
R
SHUNT
1
Ω
R
6
71.5k
Ω
R
N
56
Ω
R
N
56
Ω
(PGA Gain = 4)
FS = 3.0V
NOTE: 1% resistors provide adequate common−mode rejection at small ground−loop errors.
Stray Ground−Loop Resistance
I
LOAD
OPA333A
Output
R
SHUNT
Load
V+
V+
R
G
R
L
R
1
(2)
10k
Ω
R
BIAS
+5V
zener(1)
Two zener
biasing methods
are shown.(3)
MOSFET rated to
stand−off supply voltage
such as BSS84 for
up to 50V.
(1) zener rated for op amp supply capability (that is, 5.1V for OPA333).
(2) Current−limiting resistor.
(3) Choose zener biasing resistor or dual NMOSFETS (FDG6301N, NTJD4001N, or Si1034)
NOTES:
OPA333A-EP
,, OPA2333A-EP
www.ti.com ............................................................................................................................................................ SGLS383B – APRIL 2007 – REVISED JUNE 2008
Figure 5. Low-Side Current Monitor
Figure 6. High-Side Current Monitor
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com