Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2333AMDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333AMDREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2333AMDREP Datasheet(HTML) 3 Page - Texas Instruments

  OPA2333AMDREP Datasheet HTML 1Page - Texas Instruments OPA2333AMDREP Datasheet HTML 2Page - Texas Instruments OPA2333AMDREP Datasheet HTML 3Page - Texas Instruments OPA2333AMDREP Datasheet HTML 4Page - Texas Instruments OPA2333AMDREP Datasheet HTML 5Page - Texas Instruments OPA2333AMDREP Datasheet HTML 6Page - Texas Instruments OPA2333AMDREP Datasheet HTML 7Page - Texas Instruments OPA2333AMDREP Datasheet HTML 8Page - Texas Instruments OPA2333AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical Characteristics: VS = 1.8 V to 5.5 V
OPA333A-EP
,, OPA2333A-EP
www.ti.com ............................................................................................................................................................ SGLS383B – APRIL 2007 – REVISED JUNE 2008
Boldface limits apply over the specified temperature range, TA = –55°C to 125°C. At TA = 25°C, RL = 10 kΩ connected to
VS/2, VCM = VS/2, and VOUT = VS/2 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage
VOS
VS = 5 V
2
10
µV
over temperature
22
µV
vs temperature
dVOS/dT
0.02
µV/°C
vs power supply
PSRR
VS = 1.8 V to 5.5 V
1
6
µV/V
Long-term stability(1)
(1)
Channel separation, dc
0.1
µV/V
INPUT BIAS CURRENT
Input bias current
IB
±70
±200
pA
over Temperature
±150
pA
Input offset current
IOS
±140
±400
pA
NOISE
Input voltage noise,
0.3
µV
PP
f = 0.01 Hz to 1 Hz
Input voltage noise,
1.1
µV
PP
f = 0.1 Hz to 10 Hz
Input current noise, f = 10 Hz
in
100
fA/
√Hz
INPUT VOLTAGE RANGE
Common mode voltage range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection
CMRR
(V–) – 0.1 V < VCM < (V+) + 0.1 V
102
130
dB
Ratio
INPUT CAPACITANCE
Differential
2
pF
Common mode
4
pF
OPEN-LOOP GAIN
(V–) + 100 mV < VO < (V+) – 100 mV,
Open-loop voltage gain
AOL
104
130
dB
RL = 10 kΩ
FREQUENCY RESPONSE
Gain-bandwidth product
GBW
CL = 100 pF
350
kHz
Slew rate
SR
G = 1
0.16
V/
µs
OUTPUT
Voltage output swing from rail
RL = 10 kΩ
30
50
mV
over temperature
RL = 10 kΩ
85
mV
Short-circuit current
ISC
±5
mA
Capacitive load drive
CL
(2)Open-loop output
f = 350 kHz, IO = 0
2
k
Ω
impedance
POWER SUPPLY
Specified voltage range
VS
1.8
5.5
V
Quiescent current per
IQ
IO = 0
17
25
µA
amplifier
over temperature
30
µA
Turn-on time
VS = 5 V
100
µs
TEMPERATURE RANGE
Specified range
–55
125
°C
(1)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1
µV
(2)
See Typical Characteristics
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com