Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUY57C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUY57C
Description  56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUY57C Datasheet(HTML) 1 Page - SunLED Corporation

  DUY57C Datasheet HTML 1Page - SunLED Corporation DUY57C Datasheet HTML 2Page - SunLED Corporation DUY57C Datasheet HTML 3Page - SunLED Corporation DUY57C Datasheet HTML 4Page - SunLED Corporation DUY57C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 04, 2008
Drawing No : SDSA2172
V4
Checked : Shin Chi
P.1/5
Part Number:
DUY57C
56.9mm (2.3”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUY57C
Yellow
GaAsP/GaP
8000
26490
590
Common Cathode,Rt.Hand Decimal
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
Per Segment Or ( DP)
VR
20(10)
V
Forward Current
Per Segment Or ( DP)
IF
30(30)
mA
Forward Current (peak)
Per Segment Or ( DP)
1/10Duty Cycle
0.1ms Pulse Width
iFS
140(140)
mA
Power Dissipation
Per Segment Or ( DP)
PT
300(150)
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~ 5 Seconds
°C
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
Per Segment Or ( DP)
(IF=10mA)
VF
7.8(3.9)
V
Forward Voltage (Max.)
Per Segment Or ( DP)
(IF=10mA)
VF
10(5.0)
V
Reverse Current
Per Segment Or (Dp)
(VR=20(10)V)
IR
10(10)
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
588
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Features
● 2.3 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● HIGH LIGHT OUTPUT.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● MULTICOLOR AVAILABLE.
● MECHANICALLY RUGGED.
● STANDARD: GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.12
08:00:41 +08'00'


Similar Part No. - DUY57C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY57C-A SUNLED-DUY57C-A Datasheet
204Kb / 5P
57mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUY57C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
124Kb / 4P
56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12SRWA KINGBRIGHT-SC23-12SRWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12SRWA KINGBRIGHT-SA23-12SRWA Datasheet
139Kb / 4P
56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR57A SUNLED-DUR57A Datasheet
207Kb / 5P
56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DUR57C SUNLED-DUR57C Datasheet
207Kb / 5P
56.9mm (2.3?? SINGLE DIGIT NUMERIC DISPLAY
DMR57A SUNLED-DMR57A Datasheet
207Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DMR57C SUNLED-DMR57C Datasheet
207Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUG57A SUNLED-DUG57A Datasheet
198Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUG57C SUNLED-DUG57C Datasheet
198Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
DUY57A SUNLED-DUY57A Datasheet
204Kb / 5P
56.9mm (2.3) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com