Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMG30D Datasheet(PDF) 1 Page - SunLED Corporation

Part # EMG30D
Description  6.8mmx19.9mm LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMG30D Datasheet(HTML) 1 Page - SunLED Corporation

  EMG30D Datasheet HTML 1Page - SunLED Corporation EMG30D Datasheet HTML 2Page - SunLED Corporation EMG30D Datasheet HTML 3Page - SunLED Corporation EMG30D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 13,2008
Drawing No : SDSA3859
V3
Checked : Shin Chi
P.1/4
Part Number:
EMG30D
6.8mmx19.9mm LIGHT BAR
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
EMG30D
Green
GaP
Green Diffused
36
98
565
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
NDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND
MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm below package base]
260°C For 3~5 Seconds
Operating Characteristics
(TA=25°C)
MG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak Emis-
sion (Typ.)
(IF=20mA)
λ P
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.14
18:58:51 +08'00'


Similar Part No. - EMG30D

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMG30I PHOENIX-EMG30I Datasheet
44Kb / 2P
VARIOFACE 2-channel module with solid state relays
More results

Similar Description - EMG30D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DF3YD KINGBRIGHT-DF3YD Datasheet
143Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3GD KINGBRIGHT-DF3GD Datasheet
142Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3ID KINGBRIGHT-DF3ID Datasheet
143Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3SGD KINGBRIGHT-DF3SGD Datasheet
141Kb / 4P
6.8mmx19.9mm LIGHT BAR
DF3SRD KINGBRIGHT-DF3SRD Datasheet
140Kb / 4P
6.8mmx19.9mm LIGHT BAR
logo
SunLED Corporation
EMR30D SUNLED-EMR30D Datasheet
179Kb / 4P
6.8mmx19.9mm LIGHT BAR
EUY30D SUNLED-EUY30D Datasheet
174Kb / 4P
6.8mmx19.9mm LIGHT BAR
logo
Kingbright Corporation
DF3CGKD KINGBRIGHT-DF3CGKD Datasheet
337Kb / 6P
6.8mmx19.9mm LIGHT BAR
DF3SURKD KINGBRIGHT-DF3SURKD Datasheet
338Kb / 6P
6.8mmx19.9mm LIGHT BAR
DF3SYKD KINGBRIGHT-DF3SYKD Datasheet
336Kb / 6P
6.8mmx19.9mm LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com