Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6375DTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6375DTR
Description  0.5A high-side driver industrial intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375DTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6375DTR Datasheet HTML 6Page - STMicroelectronics L6375DTR Datasheet HTML 7Page - STMicroelectronics L6375DTR Datasheet HTML 8Page - STMicroelectronics L6375DTR Datasheet HTML 9Page - STMicroelectronics L6375DTR Datasheet HTML 10Page - STMicroelectronics L6375DTR Datasheet HTML 11Page - STMicroelectronics L6375DTR Datasheet HTML 12Page - STMicroelectronics L6375DTR Datasheet HTML 13Page - STMicroelectronics L6375DTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical specifications
L6375D
10/16
2.9
Diagnostic logic
The operating conditions of the device are permanently monitored and the following
occurrences are signalled via the DIAG1/DIAG2 open-drain output pins see diagnostic Truth
Table.
●
Short Circuit versus ground.
●
Short Circuit versus VS.
●
Under Voltage(UV)
●
Over Temperature (OVT)
●
Open Load, if the output current is less than 3mA (typical value).
2.10
Demagnetization of inductive loads
An internal zener diode, limiting the voltage across the Power MOS to between 50 and 60V
(Vcl), provides safe and fast demagnetization of inductive loads without external clamping
devices. The maximum energy that can be absorbed from an inductive load is specified as
200mJ (at TJ = 85°C)
2.11
Diagnostic truth table
Table 7.
Diagnostic truth table
Diagnostic conditions
Input
Output
Diag1
Diag2
Normal Operation
L
H
L
H
H
H
H
H
Open Load Condition (Io< Iold)
L
H
L
H
H
L
H
H
Short to VS
L
H
H
H
L
L
H
H
Short Circuit to Ground (IO = ISC)
(1)
(pin ON-DELAY grounded)
1.
A cold lamp filament, or a capacitive load may activate the current limiting circuit of the IPS, when the IPS
is initially turned on.
H
L
X
L
H
H
H
H
Output DMOS Open
L
H
L
L
H
L
H
H
Overtemperature
L
H
L
L
H
H
L
L
Supply Undervoltage (VS< Vsth2)
L
H
L
L
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com