Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6377 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6377
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377 Datasheet(HTML) 1 Page - STMicroelectronics

  L6377_08 Datasheet HTML 1Page - STMicroelectronics L6377_08 Datasheet HTML 2Page - STMicroelectronics L6377_08 Datasheet HTML 3Page - STMicroelectronics L6377_08 Datasheet HTML 4Page - STMicroelectronics L6377_08 Datasheet HTML 5Page - STMicroelectronics L6377_08 Datasheet HTML 6Page - STMicroelectronics L6377_08 Datasheet HTML 7Page - STMicroelectronics L6377_08 Datasheet HTML 8Page - STMicroelectronics L6377_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2008
Rev 4
1/16
16
L6377
0.5 A high-side driver quad intelligent power switch
Features
■ Multipower BCD technology
■ 0.5 A output current
■ 8 to 35 V supply voltage range
■ Externally programmable current limit
■ Non-dissipative over-current protection
■ Thermal shutdown
■ Under voltage lockout with hysteresys
■ Diagnostic output for under voltage, over
temperature and over current
■ External asynchronous reset input
■ Presettable delay for overcurrent diagnostic
■ Open ground protection
■ Protection against surge transient
(IEC 61000-4-5)
■ Immunity against burst transient
(IEC 61000-4-4)
Description
This device is a monolithic intelligent power switch
in multipower BCD technology for driving
inductive, capacitive or resistive loads.
Diagnostic for CPU feedback and extensive use of
electrical protections make this device inherently
indistructible and suitable for general purpose
industrial applications.
Table 1.
Device summary
Order codes
Package
Packaging
L6377D
SO-14
Tube
L6377D013TR
SO-14
Tape and reel
SO-14
Figure 1.
Block diagram
DRIVER
+
-
VS
OVC
IN+
R
DIAG
OVT
UV
ON DELAY
C DON
OUT
GND
RS
SHORT CIRCUIT
CONTROL
DELAY
UV
CURRENT
LIMIT
VS
CHARGE
PUMP
D94IN075D
+
-
1.3V
1.3V
RSC
www.st.com


Similar Part No. - L6377_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6377D STMICROELECTRONICS-L6377D Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
More results

Similar Description - L6377_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L6376 STMICROELECTRONICS-L6376_08 Datasheet
206Kb / 18P
0.5 A high-side driver quad intelligent power switch
03-Mar-2008
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com