Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6377D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6377D
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6377D Datasheet HTML 7Page - STMicroelectronics L6377D Datasheet HTML 8Page - STMicroelectronics L6377D Datasheet HTML 9Page - STMicroelectronics L6377D Datasheet HTML 10Page - STMicroelectronics L6377D Datasheet HTML 11Page - STMicroelectronics L6377D Datasheet HTML 12Page - STMicroelectronics L6377D Datasheet HTML 13Page - STMicroelectronics L6377D Datasheet HTML 14Page - STMicroelectronics L6377D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L6377
Demagnetisation of inductive loads
11/16
8
Demagnetisation of inductive loads
The L6377 has an internal clamping zener diode able to demagnetise inductive loads. Note
that the limitation comes from the peak power that the package can handle. Attention must
be paid to a proper thermal design of the board. If, for whatever reason (load current or
inductive value too big) the peak power dissipation is too high, an external Zener plus Diode
arrangement, can perform a demagnetisation versus Ground or versus Vs (see fig 5 and 6).
The breakdown voltage of the external Zener Diode must be chosen considering the internal
clamping voltage (Vcl) and the supply voltage (Vs) according to:
Vz < Vcl(min)-Vs(max)
for demagnetisation versus ground or
Vs(max)<Vz<Vcl(min)
for demagnetisation versus Vs.
Figure 7.
External demagnetisation circuit (versus ground)
Figure 6.
Input comparator hysteresis
Vi+
Vs
Vout
100mV
D94IN079
Vi-
100mV
DRIVER
VS
OVC
OUT
RS
SHORT CIRCUIT
CONTROL
UV
CURRENT
LIMIT
D94IN112
VZ
VZ < Vcl (min) - VS (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com