Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6387E Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6387E
Description  High-voltage high and low side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6387E Datasheet HTML 4Page - STMicroelectronics L6387E Datasheet HTML 5Page - STMicroelectronics L6387E Datasheet HTML 6Page - STMicroelectronics L6387E Datasheet HTML 7Page - STMicroelectronics L6387E Datasheet HTML 8Page - STMicroelectronics L6387E Datasheet HTML 9Page - STMicroelectronics L6387E Datasheet HTML 10Page - STMicroelectronics L6387E Datasheet HTML 11Page - STMicroelectronics L6387E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Bootstrap driver
L6387E
8/15
For example: using a power MOS with a total gate charge of 30nC the drop on the bootstrap
DMOS is about 1V, if the Tcharge is 5µs. In fact:
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 3.
Bootstrap driver
V
drop
30nC
5
µs
--------------- 125
Ω 0.8V
∼
⋅
=
TO LOAD
D99IN1056
H.V.
HVG
a
b
LVG
HVG
LVG
CBOOT
TO LOAD
H.V.
CBOOT
DBOOT
VBOOT
VS
VS
VOUT
VBOOT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com