Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258WN Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM258WN
Description  Low power dual operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM258WN Datasheet(HTML) 5 Page - STMicroelectronics

  LM258WN Datasheet HTML 1Page - STMicroelectronics LM258WN Datasheet HTML 2Page - STMicroelectronics LM258WN Datasheet HTML 3Page - STMicroelectronics LM258WN Datasheet HTML 4Page - STMicroelectronics LM258WN Datasheet HTML 5Page - STMicroelectronics LM258WN Datasheet HTML 6Page - STMicroelectronics LM258WN Datasheet HTML 7Page - STMicroelectronics LM258WN Datasheet HTML 8Page - STMicroelectronics LM258WN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM158W-LM258W-LM358W
Electrical characteristics
5/18
3
Electrical characteristics
Table 3.
VCC
+ = +5 V, V
CC
-= Ground, V
o = 1.4 V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
LM158AW
LM258AW, LM358AW
LM158W, LM258W
LM358W
Tmin ≤ Tamb ≤ Tmax
LM158AW, LM258AW, LM358AW
LM158W, LM258W
LM358W
1
1
2
2
2
3
5
7
4
7
9
mV
DVio
Input offset voltage drift
LM158AW, LM258AW, LM358AW
LM158W, LM258W, LM358W
7
7
15
30
µV/°C
Iio
Input offset current
LM158AW, LM258AW, LM358AW
LM158W, LM258W, LM358W
Tmin ≤ Tamb ≤ Tmax
LM158AW, LM258AW, LM358AW
LM158W, LM258W, LM358W
2
2
10
30
30
40
nA
DIio
Input offset current drift
LM158AW, LM258AW, LM358AW
LM158W, LM258W, LM358W
10
10
200
300
pA/°C
Iib
Input bias current (2)
LM158AW, LM258AW, LM358AW
LM158W, LM258W, LM358W
Tmin ≤ Tamb ≤ Tmax
LM158AW, LM258AW, LM358AW
LM158W, LM258W, LM358W
20
20
50
150
100
200
nA
Avd
Large signal voltage gain
VCC
+ = +15 V, R
L = 2 kΩ, Vo = 1.4 V to 11.4 V
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply voltage rejection ratio
Rs ≤10 kΩ, VCC
+ = 5 V to 30 V
Tmin ≤ Tamb ≤ Tmax
65
65
100
dB
ICC
Supply current, all amp, no load
Tmin ≤ Tamb ≤ Tmax, VCC
+ = +5 V
Tmin ≤ Tamb ≤ Tmax, VCC
+ = +30 V
0.7
1.2
2
mA
Vicm
Input common mode voltage range
VCC
+ = +30 V (3)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com