Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T00
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T00 Datasheet HTML 8Page - STMicroelectronics M41T00 Datasheet HTML 9Page - STMicroelectronics M41T00 Datasheet HTML 10Page - STMicroelectronics M41T00 Datasheet HTML 11Page - STMicroelectronics M41T00 Datasheet HTML 12Page - STMicroelectronics M41T00 Datasheet HTML 13Page - STMicroelectronics M41T00 Datasheet HTML 14Page - STMicroelectronics M41T00 Datasheet HTML 15Page - STMicroelectronics M41T00 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Device operation
M41T00
12/25
2.9
WRITE mode
In this mode the master transmitter transmits to the M41T00 slave receiver. Bus protocol is
shown in Figure 10. Following the START condition and slave address, a logic '0' (R/W = 0)
is placed on the bus and indicates to the addressed device that word address An will follow
and is to be written to the on-chip address pointer. The data word to be written to the
memory is strobed in next and the internal address pointer is incremented to the next
memory location within the RAM on the reception of an acknowledge clock. The M41T00
slave receiver will send an acknowledge clock to the master transmitter after it has received
the slave address and again after it has received the word address and each data byte (see
Figure 7).
Figure 10.
WRITE mode sequences
2.10
Data retention mode
With valid VCC applied, the M41T00 can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the M41T00 will automatically deselect,
WRITE protecting itself when VCC falls (see Figure 11).
Figure 11. Power down/up mode AC waveforms
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS
AI00596
VCC
tREC
tPD
VSO
SDA
SCL
DON'T CARE
Table 3.
RTC power down/up ac characteristics
Symbol
Parameter(1)(2)
Min
Typ
Max
Unit
tPD
SCL and SDA at VIH before power down
0
ns
trec
SCL and SDA at VIH after power up
10
µs
1.
Valid for ambient operating temperature: TA = -40 to 85°C; VCC = 2.0 to 5.5 V (except where otherwise noted).
2.
VCC fall time should not exceed 5 mV/µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com