Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00S Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41T00S Datasheet HTML 11Page - STMicroelectronics M41T00S Datasheet HTML 12Page - STMicroelectronics M41T00S Datasheet HTML 13Page - STMicroelectronics M41T00S Datasheet HTML 14Page - STMicroelectronics M41T00S Datasheet HTML 15Page - STMicroelectronics M41T00S Datasheet HTML 16Page - STMicroelectronics M41T00S Datasheet HTML 17Page - STMicroelectronics M41T00S Datasheet HTML 18Page - STMicroelectronics M41T00S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
M41T00
M41T00 clock operation
15/25
3.1
Clock calibration
The M41T00 is driven by a quartz controlled oscillator with a nominal frequency of
32768 Hz. The devices are tested not to exceed 35 ppm (parts per million) oscillator
frequency error at 25°C, which equates to about ±1.53 minutes per month. With the
calibration bits properly set, the accuracy of each M41T00 improves to better than ±2 ppm
at 25 °C.
The oscillation rate of any crystal changes with temperature (see Figure 12). Most clock
chips compensate for crystal frequency and temperature shift error with cumbersome trim
capacitors. The M41T00 design, however, employs periodic counter correction. The
calibration circuit adds or subtracts counts from the oscillator divider circuit at the divide by
256 stage, as shown in Figure 13. The number of times pulses are blanked (subtracted,
negative calibration) or split (added, positive calibration) depends upon the value loaded into
the five-bit calibration byte found in the control register. Adding counts speeds the clock up,
subtracting counts slows the clock down.
The calibration byte occupies the five lower order bits (D4-D0) in the control register (addr
7). This byte can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration occurs
within a 64minute cycle. The first 62 minutes in the cycle may, once per minute, have one
second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on.
Table 5.
Register map(1)
1.
Keys:
S = sign bit
FT = frequency test bit
ST = stop bit
OUT = output level
X = don’t care
CEB = century enable bit
CB = century bit
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
0
ST
10 seconds
Seconds
Seconds
00-59
1
X
10 minutes
Minutes
Minutes
00-59
2
CEB(2)
2.
When CEB is set to '1', CB will toggle from '0' to '1' or from '1' to '0' at the turn of the century (dependent
upon the initial value set).When CEB is set to '0', CB will not toggle.
CB
10 hours
Hours
Century/hours
0-1/00-23
3X
X
X
X
X
Day
Day
01-07
4
X
X
10 date
Date
Date
01-31
5
X
X
X
10 M.
Month
Month
01-12
6
10 Years
Years
Year
00-99
7
OUT
FT
S
Calibration
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com