Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00AUD Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock with audio
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 26Page - STMicroelectronics M41T00AUD Datasheet HTML 27Page - STMicroelectronics M41T00AUD Datasheet HTML 28Page - STMicroelectronics M41T00AUD Datasheet HTML 29Page - STMicroelectronics M41T00AUD Datasheet HTML 30Page - STMicroelectronics M41T00AUD Datasheet HTML 31Page - STMicroelectronics M41T00AUD Datasheet HTML 32Page - STMicroelectronics M41T00AUD Datasheet HTML 33Page - STMicroelectronics M41T00AUD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Audio section operation
M41T00AUD
30/44
Table 7.
MUTE and GAIN(1) values (VCC = 3.3V and ambient temperature = 25°C)
1.
Target specification. Further testing will determine final min/max limits for GAIN values of E, B, 5 and 4.
MUTE
GAIN
Audio gain (dB)
AV. scalar gain
Binary
Hex
Min
Typ
Max
Typ
1
XXXX
X
Off
Off
01111
F
+12
4
0
1110
E
+7
+9
+11
2.8
01101
D
+6
2
0
1100
C
+3
1.4
01011
B
-1
0
+1
1
0
1010
A
-3
0.708
01001
9
-6
0.5
0
1000
8
-9
0.355
0
0111
7
-12
0.251
0
0110
6
-15
0.178
0
0101
5
-20
-18
-16
0.126
0
0100
4
-23
-21
-19
0.089
0
0011
3
-24
0.063
0
0010
2
-27
0.045
0
0001
1
-30
0.032
0
0000
0
-33
0.022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com