Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00S Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T00S
Description  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 5Page - STMicroelectronics M41T00S_08 Datasheet HTML 6Page - STMicroelectronics M41T00S_08 Datasheet HTML 7Page - STMicroelectronics M41T00S_08 Datasheet HTML 8Page - STMicroelectronics M41T00S_08 Datasheet HTML 9Page - STMicroelectronics M41T00S_08 Datasheet HTML 10Page - STMicroelectronics M41T00S_08 Datasheet HTML 11Page - STMicroelectronics M41T00S_08 Datasheet HTML 12Page - STMicroelectronics M41T00S_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
M41T00S
Operation
9/26
Figure 5.
Acknowledgement sequence
2.2
READ mode
In this mode the master reads the M41T00S slave after setting the slave address (see
Figure 7 on page 10). Following the WRITE mode control bit (R/W=0) and the acknowledge
bit, the word address 'An' is written to the on-chip address pointer. Next the START condition
and slave address are repeated followed by the READ mode control bit (R/W=1). At this
point the master transmitter becomes the master receiver. The data byte which was
addressed will be transmitted and the master receiver will send an acknowledge bit to the
slave transmitter. The address pointer is only incremented on reception of an acknowledge
clock. The M41T00S slave transmitter will now place the data byte at address An+1 on the
bus, the master receiver reads and acknowledges the new byte and the address pointer is
incremented to “An+2.”
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 06h). The update will resume due to a stop condition or when the
pointer increments to any non-clock address (07h).
Note:
This is true both in READ mode and WRITE mode.
An alternate READ mode may also be implemented whereby the master reads the
M41T00S slave without first writing to the (volatile) address pointer. The first address that is
read is the last one stored in the pointer (see Figure 8 on page 10).
Figure 6.
Slave address location
AI00601
DATA OUTPUT
BY RECEIVER
DATA OUTPUT
BY TRANSMITTER
SCL FROM
MASTER
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
12
89
MSB
LSB
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com