Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T11
Description  Serial real-time clock with 56 bytes of NVRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T11 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T11_08 Datasheet HTML 1Page - STMicroelectronics M41T11_08 Datasheet HTML 2Page - STMicroelectronics M41T11_08 Datasheet HTML 3Page - STMicroelectronics M41T11_08 Datasheet HTML 4Page - STMicroelectronics M41T11_08 Datasheet HTML 5Page - STMicroelectronics M41T11_08 Datasheet HTML 6Page - STMicroelectronics M41T11_08 Datasheet HTML 7Page - STMicroelectronics M41T11_08 Datasheet HTML 8Page - STMicroelectronics M41T11_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
May 2008
Rev 8
1/29
1
M41T11
Serial real-time clock with 56 bytes of NVRAM
Features
■ Counters for seconds, minutes, hours, day,
date, month, years and century
■ 32 KHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
■ Serial interface supports I2C bus (100 kHz
protocol)
■ Ultra-low battery supply current of 0.8 µA (typ.
at 3 V)
■ 2.0 to 5.5 V clock operating voltage
■ Automatic switchover and deselect circuitry
■ 56 bytes of general purpose RAM
■ Software clock calibration to compensate
crystal deviation due to temperature
■ Automatic leap year compensation
■ Operating temperature of –40 to 85°C
■ Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately;
3.3 V to 5.0 V supply voltage only)
■ RoHS compliant
– Lead-free second level interconnect
8
1
28
1
SO8 (M)
SNAPHAT (SH) battery & crystal
SOH28 (MH)
www.st.com


Similar Part No. - M41T11_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11M6E STMICROELECTRONICS-M41T11M6E Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
M41T11M6F STMICROELECTRONICS-M41T11M6F Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
M41T11M6F STMICROELECTRONICS-M41T11M6F Datasheet
423Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
18-Jun-2024
M41T11MH6E STMICROELECTRONICS-M41T11MH6E Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
M41T11MH6F STMICROELECTRONICS-M41T11MH6F Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
More results

Similar Description - M41T11_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_06 Datasheet
328Kb / 40P
Serial Real Time Clock with 44Bytes NVRAM and Reset
29-Aug-2006
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
09-Nov-2007
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
Serial real-time clock with 56 bytes NVRAM
13-Dec-2007
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
13-Jan-2009
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
Real-Time Clock Module With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com