Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST202EC Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST202EC
Description  /- 15 kV ESD protected 5 V RS-232 transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202EC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST202EC Datasheet HTML 10Page - STMicroelectronics ST202EC Datasheet HTML 11Page - STMicroelectronics ST202EC Datasheet HTML 12Page - STMicroelectronics ST202EC Datasheet HTML 13Page - STMicroelectronics ST202EC Datasheet HTML 14Page - STMicroelectronics ST202EC Datasheet HTML 15Page - STMicroelectronics ST202EC Datasheet HTML 16Page - STMicroelectronics ST202EC Datasheet HTML 17Page - STMicroelectronics ST202EC Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ST202EB - ST202EC - ST232EB - ST232EC
Revision history
17/18
7
Revision history
Table 9.
Document revision history
Date
Revision
Changes
21-Feb-2006
12
Change value of ITIL on transmitter characteristics, ±1µA ==> ±10µA.
14-Mar-2006
13
Order codes has been updated and new template.
27-Aug-2007
14
Added Table 1 in cover page.
13-Nov-2007
15
Modified: Table 1.
08-feb-2008
16
Modified: Table 1 on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com