Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST232EC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST232EC
Description  /- 15 kV ESD protected 5 V RS-232 transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232EC Datasheet(HTML) 1 Page - STMicroelectronics

  ST232EC Datasheet HTML 1Page - STMicroelectronics ST232EC Datasheet HTML 2Page - STMicroelectronics ST232EC Datasheet HTML 3Page - STMicroelectronics ST232EC Datasheet HTML 4Page - STMicroelectronics ST232EC Datasheet HTML 5Page - STMicroelectronics ST232EC Datasheet HTML 6Page - STMicroelectronics ST232EC Datasheet HTML 7Page - STMicroelectronics ST232EC Datasheet HTML 8Page - STMicroelectronics ST232EC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2008
Rev 16
1/18
18
ST202EB - ST202EC
ST232EB - ST232EC
± 15 kV ESD protected 5 V RS-232 transceiver
Features
ESD protection for RS-232 I/O pins:
± 15 kV human body model
Guaranteed 230 kbps date rate
Guaranteed slew rate range 3 to 30 V/ms
Operate from a single 5 V power supply
Description
The ST202E/ST232E are a 2 driver 2 receiver
devices designed for RS-232 and V.28
communications in harsh environments. Each
transmitter output and receiver input is protected
against ± 15 kV electrostatic discharge (ESD)
shocks. The drivers meet all EIA/TIA-232E and
CCITT V.28 specifications at data rates up to 230
kbps, when loaded in accordance with the
EIA/TIA-232E specification. The ST202E/232E
use a single 5 V supply voltage.
The ST232E operates with four 1 µF capacitors,
while the ST202E operates with four 0.1 µF
capacitors, further reducing cost and board
space.
SOP Large
TSSOP
SOP
Table 1.
Device summary
Order codes
Temperature
range
Packages
Packaging
ST202ECDR
ST232ECDR
0 to 70 °C
SO-16 (tape & reel)
2500 parts per reel
ST202EBDR
ST232EBDR
-40 to 85 °C
SO-16 (tape & reel)
2500 parts per reel
ST232ECWR
0 to 70 °C
SO-16 large (tape & reel)
1000 parts per reel
ST202EBWR
-40 to 85 °C
SO-16 large (tape & reel)
1000 parts per reel
ST202ECTR
ST232ECTR
0 to 70 °C
TSSOP16 (tape & reel)
2500 parts per reel
ST202EBTR
ST232EBTR
-40 to 85 °C
TSSOP16 (tape & reel)
2500 parts per reel
www.st.com


Similar Part No. - ST232EC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232ECD STMICROELECTRONICS-ST232ECD Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST232ECDR STMICROELECTRONICS-ST232ECDR Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST232ECN STMICROELECTRONICS-ST232ECN Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST232ECTR STMICROELECTRONICS-ST232ECTR Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST232ECW STMICROELECTRONICS-ST232ECW Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
More results

Similar Description - ST232EC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
logo
STMicroelectronics
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Analog Devices
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com