Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCD1040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCD1040
Description  Multi-channel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1040 Datasheet(HTML) 1 Page - STMicroelectronics

  STCD1040 Datasheet HTML 1Page - STMicroelectronics STCD1040 Datasheet HTML 2Page - STMicroelectronics STCD1040 Datasheet HTML 3Page - STMicroelectronics STCD1040 Datasheet HTML 4Page - STMicroelectronics STCD1040 Datasheet HTML 5Page - STMicroelectronics STCD1040 Datasheet HTML 6Page - STMicroelectronics STCD1040 Datasheet HTML 7Page - STMicroelectronics STCD1040 Datasheet HTML 8Page - STMicroelectronics STCD1040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
May 2008
Rev 4
1/40
1
STCD1020, STCD1030, STCD1040
Multi-channel clock distribution circuit
Features
2, 3 or 4 outputs buffered clock distribution
Single-ended sine wave or square wave clock
input and output
Individual clock enable for each output
Lower fan-out on clock source
No AC coupling capacitor needed at the input
Ultra-low phase noise and standby current
2.5 V to 3.6 V supply voltage(a)
10 pF typical load driving capability
Available in TDFN packages
– STCD1020 - 8-lead (2 mm x 2 mm)
– STCD1030 - 10-lead (2 mm x 2.5 mm)
– STCD1040 - 12-lead (2 mm x 3 mm)
Operational temperature : –40°C to 85°C
Applications
Multi-mode RF clock reference
Baseband peripheral devices clock reference
Description
The STCD1020, STCD1030 and STCD1040 are
2, 3 or 4 outputs unity gain clock distribution
circuits, which are used to provide a common
frequency clock to multi-mode mobile RF
applications. It can also be used for those
baseband peripheral applications in a mobile
phone such as WLAN, Bluetooth, GPS and DVB-
H as a clock reference. The STCD1020,
STCD1030 and STCD1040 isolate each device
driven by their clock outputs and minimize
interference between the devices. Each of the
clock buffers can be disabled to lower the power
consumption if the connected device does not
need the clock. The STCD1020, STCD1030 and
STCD1040 accept commonly used mobile master
clock frequencies ranging from 10 MHz to 52
MHz.
The STCD1020, STCD1030 and STCD1040 are
available in 2 mm x 2 mm 8-lead, 2 mm x 2.5 mm
10-lead and 2 mm x 3 mm 12-lead TDFN
packages and can be operated with a single 2.8 V
(or 1.8 V) supply. The operational temperature is
–40°C to +85°C.
a.
For the 1.65 to 2.75 V version, please contact local ST
sales office
TDFN (8, 10 or 12 lead)
Table 1.
Device summary
Order code
Operating temperature range
Channel
Supply
Package
STCD1020RDG6E
–40°C to 85°C
2
2.8 V
TDFN8
STCD1030RDH6E
–40°C to 85°C
3
2.8 V
TDFN10
STCD1040RDM6F
–40°C to 85°C
4
2.8 V
TDFN12
www.st.com


Similar Part No. - STCD1040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1040 STMICROELECTRONICS-STCD1040 Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD1040PDG6E STMICROELECTRONICS-STCD1040PDG6E Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD1040PDG6F STMICROELECTRONICS-STCD1040PDG6F Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD1040PDH6E STMICROELECTRONICS-STCD1040PDH6E Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD1040PDH6F STMICROELECTRONICS-STCD1040PDH6F Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
More results

Similar Description - STCD1040

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
CLOCK DISTRIBUTION CIRCUIT
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
CLOCK DISTRIBUTION CIRCUIT
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
Multichannel clock distribution circuit
14-May-2010
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
3-Channel Clock Distribution Buffer
logo
STMicroelectronics
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
List of Unclassifed Man...
SL18860DCT ETC2-SL18860DCT Datasheet
269Kb / 12P
3-Channel Clock Distribution Buffer
logo
STMicroelectronics
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
Multichannel clock distribution circuit
11-Jan-2010
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
CLOCK DISTRIBUTION CIRCUIT
061711
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
CLOCK DISTRIBUTION CIRCUIT
022212
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com