Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM7E1AR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM7E1AR
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Datasheet(HTML) 4 Page - STMicroelectronics

  STM7E1AR Datasheet HTML 1Page - STMicroelectronics STM7E1AR Datasheet HTML 2Page - STMicroelectronics STM7E1AR Datasheet HTML 3Page - STMicroelectronics STM7E1AR Datasheet HTML 4Page - STMicroelectronics STM7E1AR Datasheet HTML 5Page - STMicroelectronics STM7E1AR Datasheet HTML 6Page - STMicroelectronics STM7E1AR Datasheet HTML 7Page - STMicroelectronics STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Application circuit
STM7E1
4/16
When closing the main port local loop (Lm high), it is external system responsibility to
ensure that the main port has previously been disconnected from the line (Sc has to be
high). There is no internal mechanism to ensure this.
When closing the spare port local loop (Ls high), it is external system responsibility to
ensure that the spare port has previously been disconnected from the line (Sc has to be
high). There is no internal mechanism to ensure this.
C = Closed
O = Open
C = Closed
O = Open
Table 2.
Decoding of functional Mode 1 (Mode = L)
Switches
Status
Description
Main
Sc low
a closed, b open
Main port is connected to the line
Sc high
a open, b closed
Spare port is connected to the line
Auxiliary
Lm low
d open
Main port local loop open
Lm high
d closed
Main port local loop closed
Ls low
c open
Spare port local loop open
Ls high
c closed
Spare port local loop closed
Table 3.
Decoding of functional Mode 2 (Mode = H)
Input
Outputs
TEST/Sn
A_TX
B_TX
LO
C
HC
O
Table 4.
Decoding of functional Mode 2 (Mode = H)
Inputs
Outputs
Sc
Lm
Ls
A_RX
B_RX
c
d
LLL
C
C
O
O
LL
H
C
O
C
O
LH
L
O
C
O
C
L
HHC
O
O
O
HL
L
O
C
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com