Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R04Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R04Q
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04Q Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R04Q Datasheet HTML 1Page - STMicroelectronics STTH1R04Q Datasheet HTML 2Page - STMicroelectronics STTH1R04Q Datasheet HTML 3Page - STMicroelectronics STTH1R04Q Datasheet HTML 4Page - STMicroelectronics STTH1R04Q Datasheet HTML 5Page - STMicroelectronics STTH1R04Q Datasheet HTML 6Page - STMicroelectronics STTH1R04Q Datasheet HTML 7Page - STMicroelectronics STTH1R04Q Datasheet HTML 8Page - STMicroelectronics STTH1R04Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2008
Rev 1
1/10
STTH1R04
Ultrafast recovery diode
Features
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
Description
The STTH1R04 series uses ST's new 400 V
planar Pt doping technology. The STTH1R04 is
specially suited for switching mode base drive and
transistor circuits.
Packaged in axial and surface mount packages,
this device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection.
Table 1.
Device summary
IF(AV)
1 A
VRRM
400 V
Tj (max)
175 °C
VF (typ)
0.9 V
trr (typ)
14 ns
K
A
DO-41
STTH1R04
DO-15
STTH1R04Q
SMA
STTH1R04A
SMB
STTH1R04U
Band indicates cathode side.
www.st.com


Similar Part No. - STTH1R04Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
357Kb / 12P
Automotive ultrafast recovery diode
16-Mar-2017
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y_V01 Datasheet
357Kb / 12P
Automotive ultrafast recovery diode
16-Mar-2017
STTH1R04A STMICROELECTRONICS-STTH1R04A Datasheet
6Mb / 21P
3-phase inverter based on STSPIN32F0251
28-Oct-2019
STTH1R04AY STMICROELECTRONICS-STTH1R04AY Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
More results

Similar Description - STTH1R04Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com