Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1R06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1R06 Datasheet HTML 1Page - STMicroelectronics STTH1R06 Datasheet HTML 2Page - STMicroelectronics STTH1R06 Datasheet HTML 3Page - STMicroelectronics STTH1R06 Datasheet HTML 4Page - STMicroelectronics STTH1R06 Datasheet HTML 5Page - STMicroelectronics STTH1R06 Datasheet HTML 6Page - STMicroelectronics STTH1R06 Datasheet HTML 7Page - STMicroelectronics STTH1R06 Datasheet HTML 8Page - STMicroelectronics STTH1R06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH1R06
Characteristics
3/9
Figure 1.
Conduction losses versus average
forward current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 1
δ = 0.5
δ = 0.05
δ = 0.1
δ = 0.2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
012345
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (DO-41)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration (SMA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Z/R
th(j-c)
th(j-c)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
Single pulse
δ = 0.2
δ = 0.1
δ = 0.5
S = 1cm2
Figure 5.
Relative variation of thermal
impedance junction to case versus
pulse duration (SMB)
Figure 6.
Peak reverse recovery current
versus dIF/dt (typical values)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
t (s)
p
Single pulse
δ = 0.2
δ = 0.1
δ = 0.5
S = 1cm2
I
(A)
RM
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
250
300
350
400
450
500
I =0.5 x I
F
F(AV)
I =0.25 x I
F
F(AV)
I=I
F
F(AV)
I =2 x I
F
F(AV)
V =400V
T =125°C
R
j
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com