Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3R04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3R04
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R04 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3R04 Datasheet HTML 1Page - STMicroelectronics STTH3R04 Datasheet HTML 2Page - STMicroelectronics STTH3R04 Datasheet HTML 3Page - STMicroelectronics STTH3R04 Datasheet HTML 4Page - STMicroelectronics STTH3R04 Datasheet HTML 5Page - STMicroelectronics STTH3R04 Datasheet HTML 6Page - STMicroelectronics STTH3R04 Datasheet HTML 7Page - STMicroelectronics STTH3R04 Datasheet HTML 8Page - STMicroelectronics STTH3R04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2008
Rev 1
1/10
STTH3R04
Ultrafast recovery diode
Features
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
Description
The STTH3R04 series uses ST's new 400 V
planar Pt doping technology. The STTH3R04 is
specially suited for switching mode base drive and
transistor circuits.
Packaged in axial and surface mount packages,
this device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection.
Table 1.
Device summary
IF(AV)
3 A
VRRM
400 V
Tj (max)
175 °C
VF (typ)
0.9 V
trr (typ)
18 ns
K
A
DO-15
STTH3R04Q
DO-201AD
STTH3R04
SMB
STTH3R04U
SMC
STTH3R04S
Band indicates cathode side.
www.st.com


Similar Part No. - STTH3R04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH3R02-Y STMICROELECTRONICS-STTH3R02-Y Datasheet
261Kb / 8P
Automotive ultrafast rectifier
24-Feb-2015
STTH3R02AFY STMICROELECTRONICS-STTH3R02AFY Datasheet
261Kb / 8P
Automotive ultrafast rectifier
24-Feb-2015
STTH3R02Q STMICROELECTRONICS-STTH3R02Q Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH3R02QRL STMICROELECTRONICS-STTH3R02QRL Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
More results

Similar Description - STTH3R04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com