Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STULPI01BTBR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STULPI01BTBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01BTBR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STULPI01BTBR Datasheet HTML 28Page - STMicroelectronics STULPI01BTBR Datasheet HTML 29Page - STMicroelectronics STULPI01BTBR Datasheet HTML 30Page - STMicroelectronics STULPI01BTBR Datasheet HTML 31Page - STMicroelectronics STULPI01BTBR Datasheet HTML 32Page - STMicroelectronics STULPI01BTBR Datasheet HTML 33Page - STMicroelectronics STULPI01BTBR Datasheet HTML 34Page - STMicroelectronics STULPI01BTBR Datasheet HTML 35Page - STMicroelectronics STULPI01BTBR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ULPI registers
STULPI01A - STULPI01B
32/44
Table 17.
Function control register
04h-06h(Read), 04h(Write), 05h(Set), 06h(Clear)
(Controls UTMI function setting of the USB transceiver PHY)
Field name
Bits
Access
Reset
Description
XcvrSelect
1:0
rd/wr/s/c
01b
Selects the required transceiver speed.
00b: Enable HS transceiver
01b: Enable FS transceiver
10b: Enable LS transceiver
11b: Enable FS transceiver for LS packets (FS preamble
is automatically pre-pended)
IMPORTANT NOTE: Every time the XcvrSelect is
changed to ‘00’, the output ULPI clock is stopped for the
time needed for internal DLL calibration.
TermSelect
2
rd/wr/s/c
0b
Controls the internal pull-up resistors or HS terminations.
Control over these resistors changes depending on
XcvrSelect, OpMode, DpPulldown and DmPulldown, as
shown in Table 24.
OpMode
4:3
rd/wr/s/c
00b
Selects the required bit encoding style during transmit.
00b: Normal operation
01b: Non-driving
10b: Disables bit-stuff and NRZI encoding
11b: Do not automatically add SYNC and EOP when
transmitting. Must be used only for HS packets.
Reset
5
rd/wr/s/c
0b
Active high transceiver reset. After the Link sets this bit,
STULPI01 asserts DIR and reset the UTMI+ core. When
the reset is completed, STULPI01 de-asserts DIR and
automatically clears this bit. After de-asserting DIR,
STULPI01 re-asserts DIR and sends an RX CMD update
to the Link.
Note: If Reset bit is set to ‘1’ and SuspendM bit is set to ‘0’
in the same register access, SuspendM bit takes higher
priority and chip will enter low power mode. Reset bit will
be cleared.
SuspendM
6
rd/wr/s/c
1b
Active low PHY suspend. Puts PHY into Low Power
Mode. STULPI01 automatically sets this bit to ‘1’ when
Low Power Mode is exited.
0b: Low Power Mode
1b: Powered
Note: If Reset bit is set to ‘1’ and SuspendM bit is set to ‘0’
in the same register access, SuspendM bit takes higher
priority and chip will enter low power mode. Reset bit will
be cleared.
Reserved
7
rd/wr/s/c
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com