Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K50MDW46 Datasheet(PDF) 2 Page - SunLED Corporation

Part # K50MDW46
Description  52mm LED CLUSTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

K50MDW46 Datasheet(HTML) 2 Page - SunLED Corporation

  K50MDW46 Datasheet HTML 1Page - SunLED Corporation K50MDW46 Datasheet HTML 2Page - SunLED Corporation K50MDW46 Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
K50MDW46
Published Date : MAR 26,2008
Drawing No :SDSA4867
V2
Checked : B.L.LIU
P.2/3
52mm LED CLUSTER
www.SunLED.com
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Symbol
Parameter
Device
Min.
Typ.
Max.
Units
Test Condi-
tions
IV
Luminous Intensity
K50MDW46
12000
19990
-
mcd
IF=200mA
2
θ 1/2
Viewing Angle
-
40
-
deg
-
VF
Forward Voltage
-
9.5
12.5
V
IF=200mA
λ P
Peak Wavelength
-
640
-
nm
IF=200mA
λ D
Dominant Wavelength
-
628
-
nm
IF=200mA
Δλ 1/2
Spectral Line Half-width
-
27
-
nm
IF=200mA
IR
Reverse Current
-
-
100
uA
VR = 5V
Parameter
Type
Units
Power dissipation
3700
mW
DC Forward Current
300
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +70°C
Storage Temperature
-40°C To +85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com