Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSB02E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STUSB02E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STUSB02E_07 Datasheet HTML 3Page - STMicroelectronics STUSB02E_07 Datasheet HTML 4Page - STMicroelectronics STUSB02E_07 Datasheet HTML 5Page - STMicroelectronics STUSB02E_07 Datasheet HTML 6Page - STMicroelectronics STUSB02E_07 Datasheet HTML 7Page - STMicroelectronics STUSB02E_07 Datasheet HTML 8Page - STMicroelectronics STUSB02E_07 Datasheet HTML 9Page - STMicroelectronics STUSB02E_07 Datasheet HTML 10Page - STMicroelectronics STUSB02E_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STUSB02E
Electrical characteristics
7/20
5
Electrical characteristics
Table 6.
DC electrical characteristics (System and USB interface)
(VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C, specifications over temperature,
-40 to 85°C)
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
in series with 100pF.
Note 4. Specification applies to the following pins: SUS, SPD, RCV, CON, VP, VM, OE#, VBUSDET.
Note 5. Characterized specification(s), but not production tested.
Note 6. All AC parameters guaranteed by design but not production tested.
Note 7. RCV NOT LOADED
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBUS
USB Supply voltage
4
5.5
V
VIF
System I/F supply voltage
1.6
3.6
V
VIL
Low level input voltage (Note 4)
0.15VIF
V
VIH
High level input voltage (Note 4)
0.85VIF
V
VOL
Low level output voltage (Note 4) IOL = 20µA
0100
mV
VOH
High level output voltage (Note 4) IOH = -20µA
VIF-100
VIF
mV
IIL
Input leakage current (Note 4)
-5
5
µA
IIF
VIF Supply current (Note 7)
D+, D- are idle, OE# = SUS = 0
5
µA
D+, D- are idle, OE# = SUS = 1
5
D+, D- active, CLOAD = 50pF,
SPD = 1, f = 6MHz, (Note 5)
650
D+, D- active, CLOAD = 600pF,
SPD = 0, f = 750KHz, (Note 5)
75
IBUS
VBUS Supply current
D+, D- are idle, VBUS = 5.25V
Suspend Mode (SUS = 1), OE# =
1, SPD = 1
200
µA
D+, D- are idle, VBUS = 5.25V
SPD = 1, OE# = SUS = 0
5mA
D+, D- are idle, VBUS = 5.25V
OE# = SUS = SPD = 0
700
µA
D+, D- are idle, VBUS = 5.25V
OE# = 1, SUS = SPD = 0
350
D+, D- active, VBUS = 5.25V
CLOAD = 50pF, SPD = 1, f = 6 MHz
OE# = SUS = 0 (Note 5)
10
mA
D+, D- active, VBUS = 5.25V
CLOAD = 600pF, f = 750 KHz,
OE# = SUS = SPD = 0 (Note 5)
5
IVPULEAK VPU Leakage current
CON = 0, VPU = 0V
-5
5
µA
IVIFLEAK VIF Leakage current
VIF = 3.6V, VBUS = 0V
-5
5
µA
VPU
Pull-Up output voltage
ITERM = 200µA, VBUS = 4 to 5.25V
33.6
V
RSW
VPU Internal switch resistance
ITERM = 10mA, VBUS = 4 to 5.25V
79
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com