Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSB02EQR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB02EQR
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02EQR Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB02EQR Datasheet HTML 1Page - STMicroelectronics STUSB02EQR Datasheet HTML 2Page - STMicroelectronics STUSB02EQR Datasheet HTML 3Page - STMicroelectronics STUSB02EQR Datasheet HTML 4Page - STMicroelectronics STUSB02EQR Datasheet HTML 5Page - STMicroelectronics STUSB02EQR Datasheet HTML 6Page - STMicroelectronics STUSB02EQR Datasheet HTML 7Page - STMicroelectronics STUSB02EQR Datasheet HTML 8Page - STMicroelectronics STUSB02EQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March 2007
Rev. 4
1/20
20
STUSB02E
USB Transceiver
General features
Supports 1.5Mbps and 12Mbps serial data
transmission
ESD HBM: ±14kV on D+, D– Lines; ±5kV on
VBUS
ESD Compliant to IEC-61000-4.2 (Level 3)
Separate I/O supply with operation down to
1.6V
Integrated speed select termination supply
Very low power consumption to meet USB
‘suspend’ current requirements
Small QFN16 lead free package
No power supply sequencing requirements
Software controlled re-enumeration
Description
The STUSB02E is a single chip USB transceiver
that supports both full-speed (12Mbps) and low-
speed (1.5Mbps) operation. It has an integrated
5V to 3.3V regulator which allows direct powering
from the VBUS. The transceiver has an integrated
voltage detector to detect the presence of the
VBUS voltage.
The transceiver also supports Sharing mode
when VBUS is not present, which allows the D+/D–
lines to be shared with other serial protocols.
It is also designed to operate down to 1.6V so that
it is compatible with lower system voltages of most
portable systems, which include PDAs, MP3
Player and Cell phones.
www.st.com
QFN16 (3mmx3mm)
Order code
Part number
Package
Packaging
STUSB02EQR
QFN16 (3mm x 3mm)
3000 parts per reel


Similar Part No. - STUSB02EQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
More results

Similar Description - STUSB02EQR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
USB TRANSCEIVER
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
USB - OTG Transceiver
logo
STMicroelectronics
STUSB03E STMICROELECTRONICS-STUSB03E Datasheet
470Kb / 20P
USB Transceiver
14-Mar-2007
logo
Micrel Semiconductor
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
USB Transceiver
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
USB Transceiver
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
USB Transceiver
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com