Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1737DP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1737DP
Description  Interface circuit - relay and lamp-driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1737DP Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1737DP Datasheet HTML 1Page - STMicroelectronics TDE1737DP Datasheet HTML 2Page - STMicroelectronics TDE1737DP Datasheet HTML 3Page - STMicroelectronics TDE1737DP Datasheet HTML 4Page - STMicroelectronics TDE1737DP Datasheet HTML 5Page - STMicroelectronics TDE1737DP Datasheet HTML 6Page - STMicroelectronics TDE1737DP Datasheet HTML 7Page - STMicroelectronics TDE1737DP Datasheet HTML 8Page - STMicroelectronics TDE1737DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2006
Rev 3
1/13
13
TDE1737
Interface circuit - relay and lamp-driver
Features
■ High output current
■ Adjustable short-circuit protection
■ Thermal protection with hysteresis to avoid the
intermediate output levels
■ Large supply voltage range: + 8V to +45V
Description
The TDE1737 is a monolithic amplifier designed
for high current and high voltage applications,
specifically to drive lamps, relays and control of
stepper motors.
This device is essentially blow-out proof.
Current limiting is available to limit the peak output
current to a safe value, the adjustment only
requires one external resistor. In addition, thermal
shut down is provided to keep the I.C. from
overheating. If internal dissipation becomes too
great, the driver will shut down to prevent
excessive heating.
The output is also protected against short-circuits
with the positive power supply.
The device operates over a wide range of supply
voltages from standard ± 15 V operational
amplifier supplies down to the single + 12 V or +
24 used for industrial electronic systems
.
Order codes
SO14
DIP-8
Part number
Temp range,
° CPackage
Packing
TDE1737DP
-25°C to +85°C
DIP-8
Tube
TDE1737FP
-25°C to +85°C
SO14
Tube
TDE1737FPT
-25°C to +85°C
SO14
Tape and reel
www.st.com


Similar Part No. - TDE1737DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1737DP STMICROELECTRONICS-TDE1737DP Datasheet
134Kb / 7P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Oct-1991
More results

Similar Description - TDE1737DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Sep-1988
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Oct-1991
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
Nov-1991
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
Mar-1993
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
logo
STMicroelectronics
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
logo
STMicroelectronics
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
Interface circuit - relay and lamp-driver
20-Sep-2006
TDE1767 STMICROELECTRONICS-TDE1767_07 Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com