Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064BIN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL064BIN
Description  Low power JFET quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064BIN Datasheet(HTML) 1 Page - STMicroelectronics

  TL064BIN Datasheet HTML 1Page - STMicroelectronics TL064BIN Datasheet HTML 2Page - STMicroelectronics TL064BIN Datasheet HTML 3Page - STMicroelectronics TL064BIN Datasheet HTML 4Page - STMicroelectronics TL064BIN Datasheet HTML 5Page - STMicroelectronics TL064BIN Datasheet HTML 6Page - STMicroelectronics TL064BIN Datasheet HTML 7Page - STMicroelectronics TL064BIN Datasheet HTML 8Page - STMicroelectronics TL064BIN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2007
Rev 2
1/14
14
TL064
Low power JFET quad operational amplifier
Features
■ Very low power consumption: 200 µA
■ Wide common-mode (up to VCC
+) and
differential voltage ranges
■ Low input bias and offset currents
■ Output short-circuit protection
■ High input impedance JFET input stage
■ Internal frequency compensation
■ Latch up free operation
■ High slew rate: 3.5 V/µs
Description
The TL064, TL064A and TL064B are high-speed
JFET input single operational amplifiers. Each of
these JFET input operational amplifiers
incorporates well matched, high-voltage JFET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input
bias and offset currents, and low offset voltage
temperature coefficient.
N
DIP14
(Plastic package)
D
SO-14
(Plastic micropackage)
Pin connections
(Top view)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - TL064BIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL064BIN STMICROELECTRONICS-TL064BIN Datasheet
113Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Oct-1997
More results

Similar Description - TL064BIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
logo
Fairchild Semiconductor
KF347 FAIRCHILD-KF347 Datasheet
36Kb / 6P
Quad Operational Amplifier (JFET)
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
Quad Operational Amplifier (JFET)
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
07-Jul-2008
TL084 STMICROELECTRONICS-TL084_07 Datasheet
313Kb / 16P
General purpose JFET quad operational amplifier
30-Jul-2007
logo
Texas Instruments
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
22-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com