Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064ID Datasheet(PDF) 10 Page - STMicroelectronics

Part # TL064ID
Description  Low power JFET quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064ID Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TL064ID Datasheet HTML 6Page - STMicroelectronics TL064ID Datasheet HTML 7Page - STMicroelectronics TL064ID Datasheet HTML 8Page - STMicroelectronics TL064ID Datasheet HTML 9Page - STMicroelectronics TL064ID Datasheet HTML 10Page - STMicroelectronics TL064ID Datasheet HTML 11Page - STMicroelectronics TL064ID Datasheet HTML 12Page - STMicroelectronics TL064ID Datasheet HTML 13Page - STMicroelectronics TL064ID Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical applications
TL064
10/14
4
Typical applications
Figure 19.
Audio distributor amplifier
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
-
TL064
1/ 4
-
-
-
TL064
1/ 4
TL064
1/4
TL064
1/ 4
1M
Ω
1
μF
Output A
Output B
Output C
Input
100k
Ω
100k
Ω
100k
Ω
100k
Ω
1OO
μF
V
CC
+
f
= 100kHz
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com