Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074IDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TL074IDT
Description  Low noise JFET quad operational amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074IDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TL074IDT Datasheet HTML 6Page - STMicroelectronics TL074IDT Datasheet HTML 7Page - STMicroelectronics TL074IDT Datasheet HTML 8Page - STMicroelectronics TL074IDT Datasheet HTML 9Page - STMicroelectronics TL074IDT Datasheet HTML 10Page - STMicroelectronics TL074IDT Datasheet HTML 11Page - STMicroelectronics TL074IDT Datasheet HTML 12Page - STMicroelectronics TL074IDT Datasheet HTML 13Page - STMicroelectronics TL074IDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical applications
TL074
10/15
5
Typical applications
Figure 20.
Audio distribution amplifier
Figure 21.
Positive feeback bandpass filter
-
TL074
1/ 4
-
-
-
TL074
1/ 4
TL074
1/4
TL074
1/ 4
1M
Ω
1
μF
Output A
Output B
Output C
Input
100k
Ω
100k
Ω
100k
Ω
100k
Ω
1OO
μF
V
CC
+
f
= 100kHz
O
-
-
TL 07 4
1/4
22 0p F
43 k
Ω
Input
1.5 k
Ω
43 k
Ω
22 0p F
43 k
Ω
16 k
Ω
TL 07 4
1/4
30 k
Ω
Output A
-
TL 07 4
1/4
1.5 k
Ω
22 0p F
43 k
Ω
220 pF
43 k
Ω
-
TL 07 4
1/4
43 k
Ω
16 k
Ω
30 k
Ω
Output B
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com