Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064BID Datasheet(PDF) 13 Page - STMicroelectronics

Part # TL064BID
Description  Low power JFET quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064BID Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TL064BID Datasheet HTML 6Page - STMicroelectronics TL064BID Datasheet HTML 7Page - STMicroelectronics TL064BID Datasheet HTML 8Page - STMicroelectronics TL064BID Datasheet HTML 9Page - STMicroelectronics TL064BID Datasheet HTML 10Page - STMicroelectronics TL064BID Datasheet HTML 11Page - STMicroelectronics TL064BID Datasheet HTML 12Page - STMicroelectronics TL064BID Datasheet HTML 13Page - STMicroelectronics TL064BID Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TL064
Ordering information
13/14
6
Ordering information
064
7
Revision history
Table 5.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TL064MN
TL064AMN
TL064BMN
-55°C, +125°C
DIP14
Tube
TL064MN
TL064AMN
TL064BMN
TL064MD/MDT
TL064AMD/AMDT
TL064BMD/BMDT
SO-14
Tube or
tape & reel
064M
064AM
064BM
TL064IN
TL064AIN
TL064BIN
-40°C, +105°C
DIP14
Tube
TL064IN
TL064AIN
TL064BIN
TL064ID/IDT
TL064AID/AIDT
TL064BID/BIDT
SO-14
Tube or
tape & reel
064I
064AI
064BI
TL064CN
TL064ACN
TL064BCN
0°C, +70°C
DIP14
Tube
TL064CN
TL064ACN
TL064BCN
TL064CD/CDT
TL064ACD/ACDT
TL064BCD/BCDT
SO-14
Tube or
tape & reel
064C
064AC
064BC
Table 6.
Document revision history
Date
Revision
Changes
13-Nov-2001
1
Initial release.
25-Jul-2007
2
Added Rthja, Rthjc and ESD values in Table 2: Operating conditions.
Added Table 2: Operating conditions.
Expanded Table 5: Order codes.
Format update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com