Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081ID Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL081ID
Description  General purpose JFET single operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081ID Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL081ID Datasheet HTML 7Page - STMicroelectronics TL081ID Datasheet HTML 8Page - STMicroelectronics TL081ID Datasheet HTML 9Page - STMicroelectronics TL081ID Datasheet HTML 10Page - STMicroelectronics TL081ID Datasheet HTML 11Page - STMicroelectronics TL081ID Datasheet HTML 12Page - STMicroelectronics TL081ID Datasheet HTML 13Page - STMicroelectronics TL081ID Datasheet HTML 14Page - STMicroelectronics TL081ID Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
TL081
14/15
7
Ordering information
8
Revision history
Table 6.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TL081IN
TL081AIN
TL081BIN
-40°C, +105°C
DIP8
Tube
TL081IN
TL081AIN
TL081BIN
TL081ID/IDT
TL081AID/AIDT
TL081BID/BIDT
SO-8
Tube or
tape & reel
081I
081AI
081BI
TL081IYD/DT(1)
TL081AIYD/DT(1)
TL081BIYD/DT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-8
(Automotive grade)
Tube or
tape & reel
081IY
081AIY
081BIY
TL081CN
TL081ACN
TL081BCN
0°C, +70°C
DIP8
Tube
TL081CN
TL081ACN
TL081BCN
TL081CD/CDT
TL081ACD/ACDT
TL081BCD/BCDT
SO-8
Tube or
tape & reel
081C
081AC
081BC
Table 7.
Document revision history
Date
Revision
Changes
30-Apr-2001
1
Initial release.
27-Jul-2007
2
Added values for Rthja and Rthjc in Table 1: Absolute maximum
ratings.
Added Table 2: Operating conditions.
Added automotive grade part numbers in Table 6: Order codes.
Format update.
27-Jun-2008
3
Removed information concerning military temperature range
(TL081Mx, TL081AMx, TL081BMx).
Added missing order codes for automotive grade products and
updated footnote in Table 6: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com