Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081CDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TL081CDT
Description  General purpose JFET single operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081CDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TL081CDT Datasheet HTML 6Page - STMicroelectronics TL081CDT Datasheet HTML 7Page - STMicroelectronics TL081CDT Datasheet HTML 8Page - STMicroelectronics TL081CDT Datasheet HTML 9Page - STMicroelectronics TL081CDT Datasheet HTML 10Page - STMicroelectronics TL081CDT Datasheet HTML 11Page - STMicroelectronics TL081CDT Datasheet HTML 12Page - STMicroelectronics TL081CDT Datasheet HTML 13Page - STMicroelectronics TL081CDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical applications
TL081
10/15
5
Typical applications
Figure 22.
0.5 Hz square wave oscillator
Figure 23.
High Q notch filter
-
TL0 81
1k
Ω
R
F = 100k Ω
9.1k
Ω
3.3k
Ω
+15V
-15V
3.3k
Ω
C = 3.3
μF
F
f
=
osc
1
F
2 x R
F
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com