Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS274 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS274
Description  High performance CMOS quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS274 Datasheet(HTML) 1 Page - STMicroelectronics

  TS274 Datasheet HTML 1Page - STMicroelectronics TS274 Datasheet HTML 2Page - STMicroelectronics TS274 Datasheet HTML 3Page - STMicroelectronics TS274 Datasheet HTML 4Page - STMicroelectronics TS274 Datasheet HTML 5Page - STMicroelectronics TS274 Datasheet HTML 6Page - STMicroelectronics TS274 Datasheet HTML 7Page - STMicroelectronics TS274 Datasheet HTML 8Page - STMicroelectronics TS274 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2008
Rev 3
1/14
14
TS274
High performance CMOS quad operational amplifier
Features
■ Output voltage can swing to ground
■ Excellent phase margin on capacitive loads
■ Gain bandwidth product: 3.5 MHz
■ Unity gain stable
■ Two input offset voltage selections
Description
The TS274 devices are low cost, quad
operational amplifiers designed to operate with
single or dual supplies. These operational
amplifiers use the ST silicon gate CMOS process
giving an excellent consumption-speed ratio.
These series are ideally suited for low
consumption applications.
Three power consumptions are available thus
offering the best consumption-speed ratio for your
application:
■ ICC = 10 µA/amp: TS27L4 (very low power)
■ ICC = 150 µA/amp: TS27M4 (low power)
■ ICC = 1 mA/amp: TS274 (standard)
These CMOS amplifiers offer very high input
impedance and extremely low input currents. The
major advantage versus JFET devices is the very
low input currents drift with temperature (see
Figure 5 on page 6).
For enhanced features of TS274, in particular rail-
to-rail capability and low offset voltage, two new
families, TSV91x and TSV99x will better suit low
voltage applications.
DIP14
(Plastic package)
SO-14
(Plastic micropackage)
Pin connections (top view)
TSSOP14
(Thin shrink small outline package)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
Table 1.
Enhanced related families
Part
number
VCC
range (V)
Rail-to-
rail I/O
Vio max
(mV)
Iib max
(pA)
Avd min
(dB)
ICC max
(mA)
GBP typ
(MHz)
SR typ
(V/µs)
Packages
TSV914
2.5 - 5.5
I/O
1.5/4.5
10
80
1.1
8
4.5
SO-14,
TSSOP14
TSV994
2.5 - 5.5
I/O
1.5/4.5
10
80
1.1
20
(G
≥3)
10
SO-14,
TSSOP14
www.st.com


Similar Part No. - TS274

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
TS274AC STMICROELECTRONICS-TS274AC Datasheet
90Kb / 8P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Oct-1997
TS274ACD STMICROELECTRONICS-TS274ACD Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
TS274ACN STMICROELECTRONICS-TS274ACN Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
TS274ACPT STMICROELECTRONICS-TS274ACPT Datasheet
198Kb / 15P
HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Apr-2006
More results

Similar Description - TS274

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
Quad high-performance operational amplifier
August 31, 1994
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
High-Performance Quad Operational Amplifier
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com