Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS391 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS391
Description  Low power single voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 5 Page - STMicroelectronics

  TS391_07 Datasheet HTML 1Page - STMicroelectronics TS391_07 Datasheet HTML 2Page - STMicroelectronics TS391_07 Datasheet HTML 3Page - STMicroelectronics TS391_07 Datasheet HTML 4Page - STMicroelectronics TS391_07 Datasheet HTML 5Page - STMicroelectronics TS391_07 Datasheet HTML 6Page - STMicroelectronics TS391_07 Datasheet HTML 7Page - STMicroelectronics TS391_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS391
Electrical characteristics
5/8
Figure 2.
Supply current vs. supply voltage
Figure 3.
Response time for various input
overdrives - negative transition
5V
5.1k
Ω
e o
e I
6
5
4
3
2
1
0
0
-50
-100
0
0.5
1
1.5
2
TIME (
μs)
Input overdrive : 5mV
20mV
100mV
Tamb = +25˚C
Figure 4.
Input current vs. supply voltage
Figure 5.
Response time for various input
overdrives - positive transition
Figure 6.
Output saturation voltage vs.
output current
20
10
20
30
40
SUPPLY VOLTAGE (V)
Tamb = +70˚C
Tamb = +125˚C
Tamb = -55˚C
40
60
80
0
Tamb = 0˚C
Tamb= +25˚C
V = 0V
i
R = 10
Ω
i
9
5V
5.1k
Ω
eo
e I
6
5
4
3
2
1
0
100
50
0
0.5
1
1.5
2
TIME (
μs)
Input overdrive : 100mV
20mV
5mV
Tamb= +25˚C
0
Tamb = -55˚C
Tamb = +125˚C
Tamb = +25˚C
Out of saturation
10
1
10
-3
10
-2
10
-1
10
0
10
-2
10
-1
10
0
10
1
10
2
OUTPUT SINK CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com